Electronic Components Datasheet Search
  English  ▼

X  

SC-18-180 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SC-18-180
Description  Common Mode SC Coils, Standard Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-18-180 Datasheet(HTML) 1 Page - Kemet Corporation

  SC-18-180 Datasheet HTML 1Page - Kemet Corporation SC-18-180 Datasheet HTML 2Page - Kemet Corporation SC-18-180 Datasheet HTML 3Page - Kemet Corporation SC-18-180 Datasheet HTML 4Page - Kemet Corporation SC-18-180 Datasheet HTML 5Page - Kemet Corporation SC-18-180 Datasheet HTML 6Page - Kemet Corporation SC-18-180 Datasheet HTML 7Page - Kemet Corporation SC-18-180 Datasheet HTML 8Page - Kemet Corporation SC-18-180 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0005_SC • 10/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Proprietary 5H, 7H and 10H ferrite material and
equivalents
• Suitablefor≥150kHzrange
• Widevarietyofsizesandspecifications
• Operatingtemperaturerangefrom−25°Cto+105°C
or+120°C
• UL94V–2orV–0flameretardantratedcap
Overview
The KEMET SC coils are common mode chokes with a wide
varietyofcharacteristics.Thesetoroidalcoilsaredesigned
with our proprietary ferrite cores and are useful in various
noisecountermeasurefields.
Applications
• Audio-visual equipment
• Home appliances
• Power supplies
AC Line Filters
Common Mode SC Coils, Standard Series
Part Number System
SC-
10-
200
Series
Dimension Code
(See Dimensions)
Rated Current
(A)
Thermal Class
Inductance (mH)
Minimum
Internal Control Code
SC
Blank
22
0x = x A
x0 = x0 A
xx = xx A
Examples:
02 = 2 A
10 = 10 A
15 = 15 A
Note: With exceptions,
see Table 1 for details.
Blank
E = Class E
Note: With exceptions,
see Table 1 for details.
x00 = x mH
xx00 = xx mH
xx0 = x.xmH
Example:
200 = 2 mH
1100 = 11 mH
620 = 6.2 mH
Note: With exceptions,
see Table 1 for details.
Blank
A
B
H
V


Similar Part No. - SC-18-180

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-18-100 KEMET-SC-18-100 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 700 uH
SC-18-10J KEMET-SC-18-10J Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-18-15JH KEMET-SC-18-15JH Datasheet
367Kb / 4P
SC Coils, SC-JH Terminal Base Type
More results

Similar Description - SC-18-180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TR0808 ETC1-TR0808 Datasheet
26Kb / 1P
Common Mode Toroidal Coils
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
Taiyo Yuden (U.S.A.), I...
MCF08062G120-T TAIYO-YUDEN-MCF08062G120-T Datasheet
141Kb / 1P
Multilayer Common Mode Choke Coils
logo
Kemet Corporation
SC-10-200 KEMET-SC-10-200 Datasheet
477Kb / 6P
SC Coils, Standard Type
logo
Sumida Corporation
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
logo
Kemet Corporation
SCR38-130-S1R4A015J KEMET-SCR38-130-S1R4A015J Datasheet
413Kb / 6P
Common Mode SCR Coils, Standard Series
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-10J KEMET-SC-02-10J_V01 Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
SS11VL-03550 KEMET-SS11VL-03550_V01 Datasheet
468Kb / 9P
Common Mode SS Coils, 11VL Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com