Electronic Components Datasheet Search
  English  ▼

X  

SC-18-180 Datasheet(PDF) 5 Page - Kemet Corporation

Part # SC-18-180
Description  Common Mode SC Coils, Standard Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-18-180 Datasheet(HTML) 5 Page - Kemet Corporation

  SC-18-180 Datasheet HTML 1Page - Kemet Corporation SC-18-180 Datasheet HTML 2Page - Kemet Corporation SC-18-180 Datasheet HTML 3Page - Kemet Corporation SC-18-180 Datasheet HTML 4Page - Kemet Corporation SC-18-180 Datasheet HTML 5Page - Kemet Corporation SC-18-180 Datasheet HTML 6Page - Kemet Corporation SC-18-180 Datasheet HTML 7Page - Kemet Corporation SC-18-180 Datasheet HTML 8Page - Kemet Corporation SC-18-180 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0005_SC • 10/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SC Coils, Standard Series
Environmental Compliance
AllKEMETAClinefiltersareRoHSCompliant.
Performance Characteristics
Item
Performance Characteristics
RatedVoltage
250 VAC/VDC
WithstandingVoltage
2,400 V (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
RatedCurrentRange
2 – 30 A
RatedInductanceRange
0.067 – 20.3 mH minimum
Inductance Measurement Condition
1kHz,10kHz,16kHz,and100kHz
Thermal Class
A(105°C)andE(120°C)
OperatingTemperatureRange
−25°Cto+105°C(includeselftemperaturerise)and
−25°Cto+120°C(includeselftemperaturerise)
Table 1 – Ratings & Part Number Reference
1
Inductance Measurement Condition : 1 kHz
2
Inductance Measurement Condition : 10 kHz
3
Inductance Measurement Condition : 16 kHz
4
Inductance Measurement Condition : 100 kHz
Part
Number
Rated
Current (A)
Inductance
(mH) Minimum
DC Resistance/
Line (mΩ)
Maximum
Temperature Rise
(K) Maximum
Wire
Diameter
(mm)
Thermal
Class
Weight (g)
Approximate
SC-02-101
2.0
1.000 4
110.0
40
0.60
A(105°C)
15.0
SC-02-100
2.0
1.000 4
100.0
40
0.60
A(105°C)
15.0
SC-02-200
2.0
2.000 4
110.0
40
0.60
A(105°C)
15.0
SC-02-300
2.0
3.000 4
100.0
40
0.60
A(105°C)
16.0
SC-02-500
2.0
5.000 4
100.0
45
0.60
A(105°C)
20.0
SC-02-E620H
2.0
6.200 1
180.0
40
0.55
E(120°C)
18.5
SC-02-800
2.0
8.000 4
150.0
40
0.60
A(105°C)
25.0
SC-02-090
2.0
9.400 2
100.0
40
0.65
E(120°C)
14.2
SC-03-E900
3.0
9.000 2
130.0
70
0.60
E(120°C)
19.0
SC-04-200
4.0
2.000 4
55.0
50
0.70
A(105°C)
17.5
SC-04-500
4.0
5.000 2
70.0
50
0.70
A(105°C)
19.0
SC-05-500
4.0
5.000 4
80.0
50
0.80
A(105°C)
30.0
SC-05-503
4.0
5.000 4
80.0
50
0.80
A(105°C)
32.7
SC-05-800
4.0
8.000 4
85.0
60
0.80
A(105°C)
40.0
SC-05-803
4.0
8.000 4
90.0
60
0.80
A(105°C)
35.7
Part Number
Rated Current (A)
Inductance (mH)
Minimum
DC Resistance/Line
(mΩ) Maximum
Temperature Rise
(K) Maximum
Wire Diameter
(mm)
Thermal
Class
Weight (g)
Approximate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com