Electronic Components Datasheet Search
  English  ▼

X  

NHV Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
3
DC-DC Converter
BHV20170526_B01
5. Outer dimensions
3.2 min.
5.7
HV OUT (Tinned annealed copper wire)
UL STYLE 3239 HF(Rated 20kV)
HV GND(Braided shield )
Vinyl sheath
Cable length : 500mm
180
170
160
4-
φ 4.5×6
1Pin
8Pin
Output cable
Input connector
Input connector on power supply side
: B8PS-VH(JST )
Recommended connector on wiring side
: VHR -8N (JST )
NHV24-10K700P
HIGH VOLTAGE
DC-DC CONVERTER
Bellnixr
Input +22.8 ~ +25.2V
Output 0 ~10kV 700uA
XXX
1. Vin
2. PGND
3. SGND
4. Vcont
5. Vref
6. ON/OFF
7. Imoni
8. Vmoni
DANGER plate
Lot No. indication
Display plate for input connector terminal name
Main name plate (Model, company name , input/output specification , Lot No.)
Display plate for output
terminal name
【Lot No. indication】
2 8
2 D 2
Production code (may not be indicated)
Manufacturing month (Jan-Sep=1-9, Oct=O, Nov=N, Dec=D)
Manufacturing year (the last digit of A.D.)
(Manufactured in December 2012)
(Manufactured in August 2012)
6. Description of input connector terminals
No.
Name
Function
1
Vin
Input terminal (+ Vin)
2
PGND
Input GND terminal (- Vin)
3
SGND
Terminal for output voltage control ( - )
4
Vcont
Terminal for output voltage control ( + )
5
Vref
Reference voltage output terminal
6
ON/OFF
Terminal for ON/OFF control
7
Imoni
Terminal for output current monitoring
8
Vmoni
Terminal for output voltage monitoring
Unit:
mm nomi.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com