Electronic Components Datasheet Search
  English  ▼

X  

NHV Datasheet(PDF) 6 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 6 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
6
DC-DC Converter
BHV20170526_B01
9. Environmental specifications
This product is RoHS compliant.
10. Precautions for use
To ensure user’s safety, check specifications before using the product and always observe the following
precautions for use.
This product is intended for use in general electronics equipment. Do not use the product for medical
equipment, nuclear equipment, trains, etc., whereby human life or property may be directly affected by a
damaged product. Consult with us for any use other than for such general electronics equipment.
This product is not suitable for series operation and parallel operation.
This equipment has a built-in over current protection circuit but avoid a prolonged over current state
which may lead to failure.
This product may be damaged if used under nonstandard electrical conditions or nonstandard
environmental conditions including temperature. Ensure use within the standards.
Avoid using this product in a place that generates corrosive gas or is dusty.
This product may be damaged by static electricity. Make sure that the workplace is guarded against static
buildup and static electricity on operators by use of proper grounding.
A fuse mechanism is not built in this product. Connect a fuse to the + input line to guard against
excessive input current under abnormal circumstances. Allow enough capacity in the power supply for a
fuse to blow.
This product does not come with a test report.
11. Warranty
The warranty term of the product is one year after shipment. Should the product becomes defective within the
warranty period due to our design or workmanship, the product will be repaired free of charge or replaced.
However, this warranty does not cover products which have been subjected to unauthorized inner
modifications.
The scope of our warranty is limited to that of the said product.
12. Contact
If you have any further technical questions for this product, please contact us.
E-mail: info@bellnix.com
URL: http://www.bellnix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com