Electronic Components Datasheet Search
  English  ▼

X  

NHV Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
4
DC-DC Converter
BHV20170526_B01
7. Standard connection
PGND
SGND
Vcont
Vin
Vref
Vmoni
Imoni
ON/OFF
SW
Short : ON
Open : OFF
V
V
LOAD
+24V
0 ~ 10V
0 ~ 10V
0 ~ 10V
Output cable
10V
1
4
6
3
2
5
8
7
Casing
HV GND
HV OUT
8. Functions
8-1 Adjustable output voltage
Output voltage can be set by applying 0 to 10V between the terminals for output voltage control, the Vcont
(4Pin) and SGND (3Pin). Avoid setting out of the adjustable output voltage range or it may cause trouble.
8-2 Monitoring output voltage and output current
Output current monitoring terminal, the Imoni (7pin) and output voltage monitoring terminal, the Vmoni (8pin)
generate 0 - 10V proportionate to output of the converter.
An internal impedance of each terminal for monitoring is 1kohm. The internal impedance of each terminal for
monitoring is 1k
Ω. Do not allow monitoring current to exceed 2mA
PGND, SGND, casing and HV GND are connected inside.
Output voltage – Vcont volage characteristic
0V
100%
75%
50%
25%
0%
10V
7.5V
5V
2.5V
Vcont voltage
4
3
+
NHV
Vcont
SGND
0~10V
8
3
NHV
Vmoni
SGND
1K
Ω
7 Imoni
1K
Ω
V
V
Monitor voltage – Output voltage/Output current characteristic
0V
25%
0%
Output voltage/Output current(%)
2.5V
5V
7.5V
10V
50%
75%
100%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com