Electronic Components Datasheet Search
  English  ▼

X  

NHV Datasheet(PDF) 5 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 5 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
5
DC-DC Converter
BHV20170526_B01
8-3 Reference voltage
Reference voltage output terminal, the Vref (5pin) generates reference voltage of 10V. This terminal is used
when controlling output voltage by a variable resistor (5k
Ω min.). Leave this terminal open when output
voltage is adjusted by external voltage. Do not allow reference current to exceed 2mA.
8-4 Overcurrent protection
If output current becomes 105% or more of the rated current value, over current protection (OCP) functions to
lower the output voltage. Since this overcurrent protection is an auto restart type, output will resume upon
release of the overcurrent state.
8-5 ON/OFF control
Output voltage can be turned ON/OFF by opening or short-circuiting between the ON/OFF (6Pin) and the
SGND (3Pin) without turning on/off the input voltage. In the case of not using the ON/OFF control, short-circuit
these two terminals. Use an open collector type.
・Open between 6 and 3 (6V max.):
Output Off
・Short between 6 and 3 (0
– 0.3V, 2mA max.): Output On
8-6 Thermal shutdown
This function works upon the abnormal rise of the ambient temperature or the temperature inside this power
supply to stop the oscillation of the converter and the supply of output power. If the thermal shutdown
functioned, shut down the input and wait some time for the temperature to come down sufficiently (after
eliminating the cause) before reclosing.
10
3
NHV
SGND
4
Vcont
Vref
(10V)
R1
R2
VR
100%
80%
60%
40%
20%
0%
Output voltage – VR resistance characteristic
VR resistance
R1 max.Ω
R2  0kΩ
0kΩ
max.Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com