Electronic Components Datasheet Search
  English  ▼

X  

X93254 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X93254
Description  Dual Digitally Controlled Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93254 Datasheet(HTML) 5 Page - Intersil Corporation

  X93254 Datasheet HTML 1Page - Intersil Corporation X93254 Datasheet HTML 2Page - Intersil Corporation X93254 Datasheet HTML 3Page - Intersil Corporation X93254 Datasheet HTML 4Page - Intersil Corporation X93254 Datasheet HTML 5Page - Intersil Corporation X93254 Datasheet HTML 6Page - Intersil Corporation X93254 Datasheet HTML 7Page - Intersil Corporation X93254 Datasheet HTML 8Page - Intersil Corporation X93254 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8186.0
March 1, 2005
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified. In the
table, CS, INC, U/D, RH and RL are used to refer to either CS1 or CS2, etc.)
POWER-UP AND DOWN REQUIREMENTS
There are no restrictions on the power-up or power-down conditions of VCC and the voltages applied to the potenti-
ometer pins provided that VCC is always more positive than or equal to VH and VL, i.e., VCC ≥ VH,VL. The VCC ramp
rate spec is always in effect.
A.C. TIMING (In the diagram, CS, INC, U/D, RH and RL are used to refer to either CS1 or CS2, etc.)
Symbol
Parameter
Limits
Unit
Min.
Typ.(6)
Max.
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
100
ns
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC Inactive to CS inactive
1
µs
tCPH
CS Deselect time (NO STORE)
250
ns
tCPH
CS Deselect time (STORE)
10
ms
tCYC
INC cycle time
2
µs
tR, tF(6)
INC input rise and fall time
500
µs
tR VCC(6)
VCC power-up rate
1
10,000
V/ms
tWR
Store cycle
5
10
ms
CS
INC
U/D
tCI
tIL
tIH
tCYC
tID
tDI
tIC
tCPH
tF
tR
10%
90%
90%
(Store)
X93254



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com