Electronic Components Datasheet Search
  English  ▼

X  

X93254 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X93254
Description  Dual Digitally Controlled Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93254 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X93254 Datasheet HTML 2Page - Intersil Corporation X93254 Datasheet HTML 3Page - Intersil Corporation X93254 Datasheet HTML 4Page - Intersil Corporation X93254 Datasheet HTML 5Page - Intersil Corporation X93254 Datasheet HTML 6Page - Intersil Corporation X93254 Datasheet HTML 7Page - Intersil Corporation X93254 Datasheet HTML 8Page - Intersil Corporation X93254 Datasheet HTML 9Page - Intersil Corporation X93254 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN8186.0
March 1, 2005
APPLICATIONS INFORMATION
Electronic digitally controlled (XDCP) potentiometers provide three powerful application advantages; (1) the
variability and reliability of a solid-state potentiometer (2) the flexibility of computer-based digital controls, and
(3) the retentivity of nonvolatile memory used for the storage of multiple potentiometer settings or data.
Low Voltage High Impedance Instrumentation Amplifier
Micro-Power LCD Contrast Control
VR
Two terminal variable resistor.
I
+
–
U1A
10K
50K
–
+
U1C
Gain =
50K
10K
1 +
50K
RTOTAL)
(
U1 = LT1467
VOUT
50K
–
+
U1B
10K
50K
50K
1/2 X93254 (RTOTAL)
10K
+
10K
–
VIN
3.3V
+
–
U1A
100K
300K
–
+
U1B
1 +
100K
50K + RTOTAL)
(
U1 = LMC6042
VOUT = -3.88
–12V
100K
1/2 X93254 (RTOTAL)
240K
3.3V
100K
3.3V
50K
VOUT = -2.75V to -11.6V
X93254



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com