Electronic Components Datasheet Search
  English  ▼

X  

X93254 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X93254
Description  Dual Digitally Controlled Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93254 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X93254 Datasheet HTML 2Page - Intersil Corporation X93254 Datasheet HTML 3Page - Intersil Corporation X93254 Datasheet HTML 4Page - Intersil Corporation X93254 Datasheet HTML 5Page - Intersil Corporation X93254 Datasheet HTML 6Page - Intersil Corporation X93254 Datasheet HTML 7Page - Intersil Corporation X93254 Datasheet HTML 8Page - Intersil Corporation X93254 Datasheet HTML 9Page - Intersil Corporation X93254 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN8186.0
March 1, 2005
APPLICATIONS INFORMATION (Continued)
Single Supply Variable Gain Amplifier
Gain =
RTOTAL
10K
+
–
U1
20K
3.3V
20K
3.3V
VOUT
U1 = LMC6042
10K
VIN
1/2 X93254
(RTOTAL)
X93254



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com