Electronic Components Datasheet Search
  English  ▼

X  

LT4256-3IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT4256-3IGN
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT4256-3IGN Datasheet HTML 7Page - Linear Technology LT4256-3IGN Datasheet HTML 8Page - Linear Technology LT4256-3IGN Datasheet HTML 9Page - Linear Technology LT4256-3IGN Datasheet HTML 10Page - Linear Technology LT4256-3IGN Datasheet HTML 11Page - Linear Technology LT4256-3IGN Datasheet HTML 12Page - Linear Technology LT4256-3IGN Datasheet HTML 13Page - Linear Technology LT4256-3IGN Datasheet HTML 14Page - Linear Technology LT4256-3IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT4256-3
11
42563f
APPLICATIO S I FOR ATIO
To reduce inrush current, increase C1 or decrease load
capacitance. If the voltage across the current sense resis-
tor R5 reaches VSENSETRIP, the inrush current will be lim-
ited by the internal current limit circuitry. The voltage on
GATE is adjusted to maintain a constant voltage across the
sense resistor and TIMER begins to charge.
When the FB voltage goes above the low-to-high VFB
threshold, PWRGD goes high.
Undervoltage and Overvoltage Detection
The LT4256-3 uses UV and OV to monitor the VCC voltage
to determine when it is safe to turn on the load and allow
the user the greatest flexibility for setting the operational
thresholds. UV and OV are internally connected to an
analog window comparator. Any time that UV goes below
3.6V or OV goes above 4V, GATE will be pulled low until the
UV/OV voltages return to the normal operation voltage
window (4V and 3.6V, respectively).
The UV threshold should never be set below the internal
UVLO threshold (9.8V typically) because the benefit of the
UV’s hysteresis will be lost, making the LT4256-3 more
susceptible to noise (VCC must be at least 9.8V when UV
is at its 3.6V threshold). UV is filtered with C3 to prevent
noise spikes and capacitively coupled glitches from shut-
ting down the LT4256-3 output erroneously.
To calculate UV and OV thresholds, use the following
equations:
4256 F07
R5
0.010
Ω
LT4256-3
SENSE
13
10
5
7
8
16
D2
SMAT70A
15
1
2
4
9
VCC
GATE
FB
12
VOUT
PWRGD
RETRY
UV
OV
TIMER
GND
VCC
48V
(SHORT PIN)
Q1
IRF540
D1
CMPZ5241BS
11V
R3
4.02k
R2
4.02k
Q2
VN2222
R1
64.9k
R7
100
Ω
R9
4.02k
R6
10
Ω
R8
36.5k
VOUT
48V
4A
R4
51k
CL
C2
33nF
C3
0.01
µF
OFF SIGNAL
FROM MPU
C1
10nF
OPEN
UV = 36V
OV = 73V
PWRGD = 40V
GND
+
Figure 7. How to Use a Logic Signal to Control the LT4256-3 Turn On/Off
RR
R
V
V
a
R
RR
V
b
kR
R
R
k
VV
R
RR
VV
RR
R
THUVLH
THOVLH
THUVHL
THOVHL
12
3
4
12
3
12
4
1
2
20
1
2
3
200
3
36
1
1
23
4
36
1
12
3
=+
()


()
=
+
()
Ω≤
+
+
≤
Ω
()
=+
+


()
=+
+


–
–
.;
.
where VTHULH and VTHOVLH are the desired UV and OV
threshold voltages when VCC is rising (L – H).
Figure 7 shows how the LT4256-3 is commanded to shut
off with a logic signal. This is accomplished by pulling the
gate of the open-drain MOSFET, Q2, (tied to UV) high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com