Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/HB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AHF2805DF/HB
Description  Hybrid - High Reliability DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHF2805DF/HB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AHF2805DF/HB Datasheet HTML 6Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 7Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 8Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 9Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 10Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 11Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 12Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 13Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Thermal Management
Assuming that there is no forced air flow, the
package termperature rise above ambient (
∆T) may
be calculated using the following expression:
∆T
≈ 80 A -0.7 p 0.85 ( °C)
where A = the effective surface area in square
inches (including heat sink if used;) P = power
dissipation in watts.
The total surface area of the AHF package is 4.9
square inches. If a worse case full load efficiency of
78% is assumed, then the case temperature rise
can be calculated as follows:
P = P
OUT [
1
- 1
] = 12 [ 1 - 1] = 3.4 W
∆T = 80 (4.9)-0.7 (3.4)0.85 = 74°C
Hence, if T
AMBIENT = +25°C, the DC/DC converter
case temperature will be approximately 100°C if no
heat sink or air flow is provided.
To calculate the heat sink area required to maintain
a specific case temperature rise, the above equa-
tion may be manipulated as follows:
A
HEAT SINK = [
∆T
] -1.43 - A
PKG
80P 0.85
As an example, if a maximum case temperature
rise of 50°C above ambient is desired, then the
required effective heat sink area is:
A
HEAT SINK = [ 50
] -1.43 -4.9 = 3.75 in.2
80 (3.4) 0.85
E
FF
.78
STANDARDIZED MILITARY DRAWING
CROSS REFERENCE
Model
Drawing Number
AHF2805S/CH
SMD #5962-91600
AHF2812S/CH
SMD #5962-94568
AHF2815S/CH
SMD #5962-94563
AHF2812D/CH
SMD #5962-92111
AHF2815D/CH
SMD #5962-92351
PART NUMBER
AHF 28 xx x F/ x
Model
Input Voltage
Output Voltage
05— 5V DC
12—12V DC
15—15V DC
S—Single
D—Dual
Available Screening Levels and Process Variations for AHF Series
Screening (see table)
Omit for -20°C to +85°C
ES -55°C to +125°C
HB— -55°C to +125°C
CH— Class H complaint
See table for standard
Mlitary drawing number
Package Option
Omit For Standard
F-Flange
t
n
e
m
e
r
i
u
q
e
R
t
n
e
m
e
r
i
u
q
e
R
t
n
e
m
e
r
i
u
q
e
R
t
n
e
m
e
r
i
u
q
e
R
t
n
e
m
e
r
i
u
q
e
R
3
8
8
-
D
T
S
-
L
I
M
3
8
8
-
D
T
S
-
L
I
M
3
8
8
-
D
T
S
-
L
I
M
3
8
8
-
D
T
S
-
L
I
M
3
8
8
-
D
T
S
-
L
I
M
d
o
h
t
e
M
o
No
No
No
No
N
x
i
f
f
u
S
S
ES
ES
ES
ES
E
x
i
f
f
u
S
B
HB
HB
HB
HB
H
x
i
f
f
u
S
H
CH
CH
CH
CH
C
x
i
f
f
u
S
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
C
°
5
8
+
o
t
0
2
-
C
°
5
2
1
+
o
t
C
°
5
5
-
C
°
5
2
1
+
o
t
C
°
5
5
-
C
°
5
2
1
+
o
t
C
°
5
5
-
n
o
i
t
a
u
l
a
v
E
t
n
e
m
e
l
E
4
3
5
8
3
-
F
R
P
-
L
I
M
l
a
u
s
i
V
l
a
n
r
e
t
n
I
7
1
0
2*
s
e
Y
s
e
Y
s
e
Y
e
l
c
y
C
e
r
u
t
a
r
e
p
m
e
T
0
1
0
1
B
d
n
o
C
C
d
n
o
C
C
d
n
o
C
n
o
i
t
a
r
e
l
e
c
c
A
t
n
a
t
s
n
o
C
1
0
0
2
g
0
0
5
A
d
n
o
C
A
d
n
o
C
n
i
-
n
r
u
B
5
1
0
1
C
°
5
2
1
@
s
r
h
6
9
C
°
5
2
1
@
s
r
h
6
9
C
°
5
2
1
@
s
r
h
0
6
1
C
°
5
2
1
@
s
r
h
0
6
1
)
A
p
u
o
r
G
(
l
a
c
i
r
t
c
e
l
E
l
a
n
i
F
4
3
5
8
3
-
F
R
P
-
L
I
M
C
°
5
2
C
°
5
2
C
°
5
2
1
+
,
5
2
+
,
5
5
-
C
°
5
2
1
+
,
5
2
+
,
5
5
-
s
s
o
r
G
&
e
n
i
F
,l
a
e
S
4
1
0
1*
C
,
A
d
n
o
C
C
,
A
d
n
o
C
C
,
A
d
n
o
C
l
a
u
s
i
V
l
a
n
r
e
t
x
E
9
0
0
2*
s
e
Y
s
e
Y
s
e
Y
*
s
d
r
a
d
n
a
t
S
l
a
i
c
r
e
m
m
o
C
r
e
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com