Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/HB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AHF2805DF/HB
Description  Hybrid - High Reliability DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHF2805DF/HB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AHF2805DF/HB Datasheet HTML 1Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 2Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 3Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 4Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 5Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 6Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 7Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 8Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SPECIFICATIONS
AHF2815S
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating-55°C to +125°C
Storage
-65°C to +135°C
TABLE III. Electrical Performance Characteristics
Test
Symbol
Conditions
-55
°C ≤ T
C
≤ +125°C
VIN = 28 V dc ±5%, CL = 0 unless
otherwise specified
Group A
subgroups
Device
types
Limits
Unit
Min
Max
Output voltage
VOUT
IOUT = 0
1
All
14.85
15.15
V
2,3
14.70
15.30
Output current 1/
IOUT
VIN = 18, 28, and 40 V dc,
1,2,3
All
2000
mA
Output ripple voltage 2/
VRIP
VIN = 18, 28, and 40 V dc,
B.W. = 20 Hz to 2 MHz
1,2,3
All
50
mV p-p
Line
regulation
VRLINE
VIN = 18, 28, and 40 V dc,
IOUT = 0, 1000, and 2000 mA
1
All
±35
mV
2,3
±75
Load
regulation
VRLOAD
VIN = 18, 28, and 40 V dc,
IOUT = 0, 1000, and 2000 mA
1,2,3
All
±150
mV
Input current
IIN
IOUT = 0, inhibit (pin 2)
tied to input return (pin 10)
1,2,3
All
18
mA
IOUT = 0, inhibit (pin 2) = open
50
Input ripple current 2/
IRIP
IOUT = 2000 mA,
B.W. = 20 Hz to 2 MHz
1,2,3
All
20
mA p-p
Efficiency
EFF
IOUT = 2000 mA,
1
All
80
%
2,3
77
Isolation
ISO
Input to output or any pin
to case (except pin 7) at 500
V dc, TC = +25
°C
1
All
100
M
Ω
Capacitive load 3/ 4/
CL
No effect on dc performance,
TC = +25
°C
4
All
200
µF
Power dissipation
load fault
PD
Overload
5/
1
All
12
W
Short circuit
1,2,3
All
9
Switching frequency
FS
IOUT = 2000 mA
4,5,6
01, 04
250
300
kHz
02, 05
250
270
03, 06
275
300
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com