Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/HB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AHF2805DF/HB
Description  Hybrid - High Reliability DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHF2805DF/HB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AHF2805DF/HB Datasheet HTML 6Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 7Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 8Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 9Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 10Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 11Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 12Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 13Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
MECHANICAL OUTLINE
PIN DESIGNATION
AHF2805S
AHF2812S
AHF2815S
Pin 1 Inhibit input
Pin 8 Positive input
Pin 2 N/C
Pin 3 Output common
Pin 7 Input common
Pin 4 Positive output
Pin 5 N/C
Pin 6 Case ground
AHF2805D
AHF2812D
AHF2815D
Pin 1 Inhibit input
Pin 8 Positive input
Pin 2 Positive output
Pin 3 Output common
Pin 7 Input common
Pin 4 Negative output
Pin 5 N/C
Pin 6 Case Ground
1
3
5
8
7
6
4
2
TOP
VIEW
1.450
(36.83)
1.105
(28.07)
0.905
(22.99)
0.705
(17.91)
0.505
(12.83)
0.205
(5.21)
1.120
(28.45)
0.800
(20.32)
0.09 R Typ
(2.29)
0.03 DIA. 8 Pins
(0.76)
0.330
(8.38)
MAX
0.26
(6.60)
1
2
3
4
5
8
7
6
Tolerances: .xx =
±0.010, .xxx= ±0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com