Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/HB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AHF2805DF/HB
Description  Hybrid - High Reliability DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHF2805DF/HB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AHF2805DF/HB Datasheet HTML 1Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 2Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 3Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 4Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 5Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 6Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 7Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 8Page - List of Unclassifed Manufacturers AHF2805DF/HB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AHF2815S
TABLE III. Electrical Performance Characteristics - Continued
Test
Symbol
Conditions
-55
°C ≤ T
C
≤ +125°C
VIN = 28 V dc ±5%, CL = 0 unless
otherwise specified
Group A
Subgroups
Device
types
Limits
Unit
Min
Max
Output response to step
transient load changes 6/
VOTLOA
D
1000 mA to/from 2000 mA
4,5,6
All
-800
+800
mV pk
0 mA to/from 1000 mA
4,5,6
-1000
+750
Recovery time, step
transient load changes
6/ 7/
TTLOAD
1000 mA to/from 2000 mA
4
All
100
µs
5,6
200
0 mA to/from 1000 mA
4
All
5
ms
5,6
10
Output response to
transient step line changes
VOTLINE
Input step 18 V to/from
40 V dc, IOUT = 2000 mA 4/ 8/
4,5,6
04
05
06
-1000
+1000
mV pk
Recovery time transient
step line changes
TTLINE
Input step 18 V to/from 40 V dc
IOUT = 2000 mA 4/ 7/ 8/
4,5,6
04
05
06
500
µs
Turn on overshoot
VTonOS
IOUT = 0 and 2000 mA
4,5,6
All
750
mV pk
Turn on delay
TonD
IOUT = 0 and 2000 mA
9/
4,5,6
All
12
ms
Load fault recovery 4/ 9/
TrLF
4,5,6
All
12
ms
Weight
38
grams
Notes:
1/
Parameter guaranteed by line and load regulation tests.
2/
Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
3/
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of the
maximum
limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-
on.
4/ Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the
limits specified in Table III.
5/ An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the
condition of maximum power dissipation.
6/
Load step transition time between 2 and 10 microseconds.
7/
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1 percent of VOUT at 50 percent load.
8/
Input step transition time between 2 and 10 microseconds.
9/
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 2)
while power is applied to the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com