Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM8S
Description  6600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM8S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM8S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Part
Number
VR
IR@VR
VBR @ IT
IT
Vc @Ipp
Ipp
Uni-polar
Bi-polar
V
μA@25°C
μA@175°C
min(V)
max (V)
mA
V
A
SM8S10A
SM8S10CA
10.0
5
250
11.1
12.3
5
17.0
388
SM8S11A
SM8S11CA
11.0
5
150
12.2
13.5
5
18.2
363
SM8S12A
SM8S12CA
12.0
5
150
13.3
14.7
5
19.9
332
SM8S13A
SM8S13CA
13.0
5
150
14.4
15.9
5
21.5
307
SM8S14A
SM8S14CA
14.0
5
150
15.6
17.2
5
23.2
284
SM8S15A
SM8S15CA
15.0
5
150
16.7
18.5
5
24.4
270
SM8S16A
SM8S16CA
16.0
5
150
17.8
19.7
5
26.0
253
SM8S17A
SM8S17CA
17.0
5
150
18.9
20.9
5
27.6
239
SM8S18A
SM8S18CA
18.0
5
150
20.0
22.1
5
29.2
226
SM8S20A
SM8S20CA
20.0
5
150
22.2
24.5
5
32.4
204
SM8S22A
SM8S22CA
22.0
5
150
24.4
26.9
5
35.5
186
SM8S24A
SM8S24CA
24.0
5
150
26.7
29.5
5
38.9
170
SM8S26A
SM8S26CA
26.0
5
150
28.9
31.9
5
42.1
157
SM8S28A
SM8S28CA
28.0
5
150
31.1
34.4
5
45.4
145
SM8S30A
SM8S30CA
30.0
5
150
33.3
36.8
5
48.4
136
SM8S32A
SM8S32CA
32.0
5
150
35.5
39.4
5
51.4
128.5
SM8S33A
SM8S33CA
33.0
5
150
36.7
40.6
5
53.3
124
SM8S36A
SM8S36CA
36.0
5
150
40.0
44.2
5
58.1
114
SM8S40A
SM8S40CA
40.0
5
150
44.4
49.1
5
64.5
102
SM8S43A
SM8S43CA
43.0
5
150
47.8
52.8
5
69.4
95.1
Note:
①. For all types maximum VF = 1.8 V at IF = 100 A measured on 8.3 ms single half sine-wave or
equivalent square wave, duty cycle = 4 pulses per minute maximum。
②. Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC: Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR: Reverse Leakage Current
IT:
Test current
Rev :
www.leiditech.com
01.06.2014
2/6
SM8S Series 6600W Transient Voltage Suppressor
00W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com