Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM8S
Description  6600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM8S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM8S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SM8S Series 6600W Transient Voltage Suppressor
DESCRIPTION:
SM8S Series TVS diodes can be used in
protection against voltage transients induced by inductive load
switching and lighting, especially for automotive load dump
protection application.
FEATURES:
 Available in uni/bi-directional polarity.
 Low forward voltage drop &
 High surge capability.
 Junction passivation optimized design passivated anisotropic rectifier technology.
 TJ = 175 ℃ capability suitable for high reliability and automotive requirement.
 Meets ISO7637-2 surge specification (varied by test condition).
Meets MSL level 1, per J-STD
 AEC-Q101 qualified.
 Compliant to ROHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
ABSOLUTE MAXIMUM RATINGS
Parameter
Peak pulse power dissipation on 10/1000us waveform
Peak pulse power dissipation on 10/10000us waveform
Peak pulse current with 10/1000us waveform
Power dissipation on infinite heat Sink at T
Peak forward surge current, 8.3ms single half sine
Operating Junction and Storage Temperature Range
Typical thermal resistance, junction to case
00W Transient Voltage Suppressor
iodes can be used in sensitive electronics
ransients induced by inductive load
specially for automotive load dump
directional polarity.
Low forward voltage drop & Low leakage current.
Junction passivation optimized design passivated anisotropic rectifier technology.
capability suitable for high reliability and automotive requirement.
specification (varied by test condition).
STD-020, LF maximum peak of 245℃.
Compliant to ROHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
RATINGS (T
C=25ºC, RH=45%-75%, unless otherwise
Parameter
Symbol
Peak pulse power dissipation on 10/1000us waveform
Ppp
Peak pulse power dissipation on 10/10000us waveform
Peak pulse current with 10/1000us waveform
Ipp
See next table
Power dissipation on infinite heat Sink at TC=25℃
PD
Peak forward surge current, 8.3ms single half sine-wave
IFSM
Operating Junction and Storage Temperature Range
TJ ,TSTG
-
Typical thermal resistance, junction to case
RθJC
Junction passivation optimized design passivated anisotropic rectifier technology.
capability suitable for high reliability and automotive requirement.
Compliant to ROHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
unless otherwise noted)
Value
Unit
6600
Watts
5200
Watts
See next table
Amps
8.0
Watts
700
Amps
-55 to +1
75
℃
0.9
℃/Watt
Rev :
www.leiditech.com
01.06.2014
1/6


Similar Part No. - SM8S

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
SM8S YINT-SM8S Datasheet
379Kb / 3P
Automotive and High Reliability TVS Diodes
logo
Shenzhen Luguang Electr...
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SM8S SOCAY-SM8S Datasheet
1Mb / 5P
Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SM8S UNSEMI-SM8S Datasheet
3Mb / 6P
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Pletronics, Inc.
SM8S-7 PLETRONICS-SM8S-7 Datasheet
80Kb / 5P
SM8S Series Low Frequency Crystal
More results

Similar Description - SM8S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Taiwan Semiconductor Co...
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM8MXXT-C SECOS-SM8MXXT-C Datasheet
524Kb / 3P
6600W Transient Voltage Suppressors Family
logo
Shanghai Leiditech Elec...
SM8S12CA LEIDITECH-SM8S12CA Datasheet
807Kb / 5P
6600W Transient 00W Voltage Suppressor
logo
HuaXinAn Electronics CO...
SM8S10A HUAXINAN-SM8S10A Datasheet
443Kb / 4P
6600W Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
6KA FUTUREWAFER-6KA Datasheet
1Mb / 11P
6600W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Diodes Incorporated
DM8W10A DIODES-DM8W10A Datasheet
519Kb / 6P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
DM8W10AQ DIODES-DM8W10AQ Datasheet
518Kb / 5P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2020 Rev. 7 - 2
DM8W27Q DIODES-DM8W27Q Datasheet
512Kb / 6P
6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
June 2022 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com