Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM8S
Description  6600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM8S Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM8S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM8S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OUTLINE
REEL
(PCS)
TAPING
750
Dimensions
D
D2
W1
REEL
(PCS)
PER CARTON
(PCS)
750
3000
Dimensions
millimeters
inches
330±0.2
13.0±0.008
13.2±0.2
0.52±0.008
24±0.2
0.94±0.008
REEL DIAMETERS
(mm)
330
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2014
6/6
SM8S Series 6600W Transient Voltage Suppressor
00W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com