Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC14 Datasheet HTML 1Page - NXP Semiconductors 74ALVC14 Datasheet HTML 2Page - NXP Semiconductors 74ALVC14 Datasheet HTML 3Page - NXP Semiconductors 74ALVC14 Datasheet HTML 4Page - NXP Semiconductors 74ALVC14 Datasheet HTML 5Page - NXP Semiconductors 74ALVC14 Datasheet HTML 6Page - NXP Semiconductors 74ALVC14 Datasheet HTML 7Page - NXP Semiconductors 74ALVC14 Datasheet HTML 8Page - NXP Semiconductors 74ALVC14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
4 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
The die substrate is attached to the
exposed die pad using conductive die
attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and
TSSOP14
Fig 5.
Pin configuration DHVQFN14
14
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac498
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac499
14
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 3:
Pin description
Symbol
Pin
Description
1A
1
1 data input A
1Y
2
1 data output Y
2A
3
2 data input A
2Y
4
2 data output Y
3A
5
3 data input A
3Y
6
3 data output Y
GND
7
ground (0 V)
4Y
8
4 data output Y
4A
9
4 data input A
5Y
10
5 data output Y
5A
11
5 data input A
6Y
12
6 data output Y
6A
13
6 data input A
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com