Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC14 Datasheet HTML 4Page - NXP Semiconductors 74ALVC14 Datasheet HTML 5Page - NXP Semiconductors 74ALVC14 Datasheet HTML 6Page - NXP Semiconductors 74ALVC14 Datasheet HTML 7Page - NXP Semiconductors 74ALVC14 Datasheet HTML 8Page - NXP Semiconductors 74ALVC14 Datasheet HTML 9Page - NXP Semiconductors 74ALVC14 Datasheet HTML 10Page - NXP Semiconductors 74ALVC14 Datasheet HTML 11Page - NXP Semiconductors 74ALVC14 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
8 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
13. Transfer characteristics
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
VEXT = Test voltage for switching times.
Fig 7.
Load circuitry for switching times
Table 10:
Test data
Supply
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Table 11:
Transfer characteristics
The VIH and VIL from the family static characteristics are superseded by the VT+ and VT−.
Voltages are referenced to GND (ground = 0 V); see Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VT+
positive-going threshold
VCC = 1.65 V
0.7
0.98
1.24
V
VCC = 1.95 V
0.75
1.12
1.46
V
VCC = 2.3 V
0.9
1.27
1.7
V
VCC = 2.7 V
1.0
1.43
2.0
V
VCC = 3.0 V
[2] 1.1
1.56
2.0
V
VCC = 3.6 V
1.1
1.81
2.0
V
VT−
negative-going threshold
VCC = 1.65 V
0.41
0.64
0.9
V
VCC = 1.95 V
0.49
0.76
1.1
V
VCC = 2.3 V
0.6
0.90
1.3
V
VCC = 2.7 V
0.7
1.06
1.4
V
VCC = 3.0 V
[2] 0.8
1.19
1.5
V
VCC = 3.6 V
0.8
1.42
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com