Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC14 Datasheet HTML 6Page - NXP Semiconductors 74ALVC14 Datasheet HTML 7Page - NXP Semiconductors 74ALVC14 Datasheet HTML 8Page - NXP Semiconductors 74ALVC14 Datasheet HTML 9Page - NXP Semiconductors 74ALVC14 Datasheet HTML 10Page - NXP Semiconductors 74ALVC14 Datasheet HTML 11Page - NXP Semiconductors 74ALVC14 Datasheet HTML 12Page - NXP Semiconductors 74ALVC14 Datasheet HTML 13Page - NXP Semiconductors 74ALVC14 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
10 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
15. Application information
(1) Positive-going edge.
(2) Negative going-edge.
Linear change of VI between 0.8 V to 2.0 V.
All values given are typical unless otherwise specified.
Fig 10. Average supply current as a function of supply voltage
at VCC = 3.0 V.
Fig 11. Relaxation oscillator
2.1
2.7
3.9
2.5
0.5
1.5
1.0
2.0
mna581
3.3
2.4
3.0
3.6
VCC (V)
ICC
(mA)
(1)
(2)
mna035
R
C
f
1
T
---
1
0.8
RC
×
----------------------
≈
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com