Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVC14 Datasheet HTML 1Page - NXP Semiconductors 74ALVC14 Datasheet HTML 2Page - NXP Semiconductors 74ALVC14 Datasheet HTML 3Page - NXP Semiconductors 74ALVC14 Datasheet HTML 4Page - NXP Semiconductors 74ALVC14 Datasheet HTML 5Page - NXP Semiconductors 74ALVC14 Datasheet HTML 6Page - NXP Semiconductors 74ALVC14 Datasheet HTML 7Page - NXP Semiconductors 74ALVC14 Datasheet HTML 8Page - NXP Semiconductors 74ALVC14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
5 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
[3]
For SO14 packages: Ptot derates linearly with 8 mW/K above 70 °C.
For TSSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 °C.
Table 4:
Function table [1]
Input
Output
nA
nY
LH
HL
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+4.6
V
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5 V
Power-down mode
[2]
−0.5
+4.6
V
IIK
input diode current
VI < 0 V
-
−50
mA
IOK
output diode current
VO > VCC or VO < 0 V
-
±50
mA
IO
output source or sink
current
VO = 0 V to VCC
-
±50
mA
ICC,
IGND
VCC or GND current
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com