Electronic Components Datasheet Search
  English  ▼

X  

SCM2000MKF Datasheet(PDF) 4 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 4 Page - Sanken electric

  SCM2000MKF Datasheet HTML 1Page - Sanken electric SCM2000MKF Datasheet HTML 2Page - Sanken electric SCM2000MKF Datasheet HTML 3Page - Sanken electric SCM2000MKF Datasheet HTML 4Page - Sanken electric SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
4
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
1.
Absolute Maximum Ratings
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); current coming
out of the IC (sourcing) is negative current (−).
Unless specifically noted, TA = 25 °C, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Rating
Unit
Remarks
Main Supply Voltage
(DC)
VDC
VBB–LSx
450
V
Main Supply Voltage
(Surge)
VDC(SURGE)
VBB–LSx
500
V
IGBT Breakdown
Voltage
VCES
VCC = 15 Vm, IC = 1 mA,
VIN = 0 V
600
V
Logic Supply Voltage
VCC
VCCx–COM
20
V
VBS
VBx–HSx
20
V
Output Current
( 1)
IO
TC = 25 °C, Tj < 150 °C
20
A
SCM2007MKF
30
SCM2008MKF
Output Current (Pulse)
IOP
TC = 25 °C, PW
≤ 1 ms,
single pulse
40
A
SCM2007MKF
60
SCM2008MKF
Input Voltage
VIN
HINx–COM,
LINx–COM
−0.5 to 7
V
FO Pin Voltage
VFO
FO–COM
−0.5 to 7
V
SELECT Pin Voltage
VSEL
SELECT–COM
−0.5 to 7
V
SD Pin Voltage
VSD
SD–COM
−0.5 to 7
V
OCP Pin Voltage
VOCP
OCP–COM
−10 to 7
V
Operating Case
Temperature
( 2)
TC(OP)
−30 to 100
°C
Junction Temperature
( 3)
Tj
150
°C
Storage Temperature
Tstg
−40 to 150
°C
Isolation Voltage
( 4)
VISO(RMS)
Between surface of
heatsink side and each
pin; AC, 60 Hz, 1 min
2500
V
(1) Should be derated depending on an actual case temperature. See Section 15.4.
(2) Refers to a case temperature measured during IC operation.
(3) Refers to the junction temperature of each chip built in the IC, including the monolithic ICs (MICs), transistors, and
freewheeling diodes.
(4) Refers to voltage conditions to be applied between the case and all pins. All pins have to be shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com