Electronic Components Datasheet Search
  English  ▼

X  

SCM2000MKF Datasheet(PDF) 9 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 9 Page - Sanken electric

Back Button SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric SCM2000MKF Datasheet HTML 10Page - Sanken electric SCM2000MKF Datasheet HTML 11Page - Sanken electric SCM2000MKF Datasheet HTML 12Page - Sanken electric SCM2000MKF Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
9
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
3.4.2. SCM2008MKF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage
Current
ICES
VCE = 600 V, VIN = 0 V
—
—
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 30 A, VIN = 5 V
—
1.7
2.2
V
Diode Forward Voltage
VF
IF = 30 A, VIN = 0 V
—
1.9
2.4
V
High-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V,
IC = 30 A,
VIN = 0→5 V or 5→0 V,
Tj = 25 °C,
inductive load
—
65
—
ns
Turn-on Delay Time
td(on)
—
960
—
ns
Rise Time
tr
—
130
—
ns
Turn-off Delay Time
td(off)
—
950
ns
Fall Time
tf
—
90
—
ns
Low-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V,
IC = 30 A,
VIN = 0→5 V or 5→0 V,
Tj = 25 °C,
inductive load
—
75
—
ns
Turn-on Delay Time
td(on)
—
960
—
ns
Rise Time
tr
—
150
—
ns
Turn-off Delay Time
td(off)
—
960
ns
Fall Time
tf
—
90
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com