Electronic Components Datasheet Search
  English  ▼

X  

SCM2000MKF Datasheet(PDF) 5 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 5 Page - Sanken electric

  SCM2000MKF Datasheet HTML 1Page - Sanken electric SCM2000MKF Datasheet HTML 2Page - Sanken electric SCM2000MKF Datasheet HTML 3Page - Sanken electric SCM2000MKF Datasheet HTML 4Page - Sanken electric SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
5
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
2.
Recommended Operating Conditions
Unless specifically noted, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Main Supply Voltage
VDC
VBB–LSx
—
300
400
V
Logic Supply Voltage
VCC
VCCx–COM
13.5
—
16.5
V
VBS
VB1–U,
VB2–V,
VB3–W
13.5
—
16.5
V
Input Voltage (HINx, LINx,
FO, SELECT, SD)
VIN
0
—
5.5
V
Minimum Input Pulse Width
tIN(MIN)ON
0.5
—
—
μs
tIN(MIN)OFF
0.5
—
—
μs
Dead Time of Input Signal
tDEAD
1.5
—
—
μs
FO Pin Pull-up Resistor
RFO
1
—
22
kΩ
FO Pin Pull-up Voltage
VFO
3.0
—
5.5
V
FO Pin Noise Filter
Capacitor
CFO
0.001
—
0.01
μF
SELECT Pin Pull-up
Resistor
RSEL
1
—
22
kΩ
SELECT Pin Pull-up
Voltage
VSEL
3.0
—
5.5
V
SELECT Pin Noise Filter
Capacitor
CSEL
0.001
—
0.01
μF
SD Pin Pull-up Resistor
RSD_U
VBB = 500 V
(1)
465.3
470.0
474.3
k
Ω
SD Pin Pull-donw Resistor
RSD_D
1.782
1.800
1.818
k
Ω
THM Pin Pull-up Resistor
RTHM
4.4
—
—
k
Ω
THM Pin Noise Filter
Capacitor
CTHM
0.1
—
—
μF
Bootstrap Capacitor
CBOOT
10
—
220
μF
Shunt Resistor
RS
IP ≤ 40 A
13.5
—
—
mΩ
SCM2007MKF
IP ≤ 60 A
9
—
—
SCM2008MKF
RC Filter Resistor
( 2)
RO
—
100
—
Ω
RC Filter Capacitor
(2)
CO
—
0.01
—
μF
PWM Carrier Frequency
fC
—
—
20
kHz
Operating Case Temperature
TC(OP)
—
—
100
°C
(1) Refers to the application where overvoltage detection takes place when the VBB pin voltage is 500 V.
(2) Requires the time constants that satisfy the following equation (see also Section 12.3.4):
RO×CO<1.0µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com