Electronic Components Datasheet Search
  English  ▼

X  

SCM2000MKF Datasheet(PDF) 1 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 1 Page - Sanken electric

  SCM2000MKF Datasheet HTML 1Page - Sanken electric SCM2000MKF Datasheet HTML 2Page - Sanken electric SCM2000MKF Datasheet HTML 3Page - Sanken electric SCM2000MKF Datasheet HTML 4Page - Sanken electric SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
600 V, 20 A to 30 A
3-phase Brushless Motor Driver ICs
SCM2000MKF Series
Data Sheet
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
1
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
Description
The SCM2000MKF series are 3-phase brushless
motor driver ICs in which output transistors, pre-driver
ICs (MICs), bootstrap diodes with current-limiting
resistors, and a temperature-sensing thermistor are
highly integrated.
These products can run on a 3-shunt current detection
system and optimally control the inverter systems of
medium-capacity motors that require universal input
standards.
Features
● Bare Lead Frame: Pb-free (RoHS Compliant)
● Isolation Voltage: 2500 V (for 1 min)
● Built-in Thermistor
● Built-in Bootstrap Diodes
● CMOS-compatible Input (3.3 V or 5 V)
● Fault Signal Output at Protection Activation
● Shutdown Signal Input
● Selectable OCP Hold Time
(SELECT Pin: 34 µs, 8 ms)
● Protections Include:
Undervoltage Lockout for Power Supply
VBx Pin (UVLO_VB): Auto-restart
VCCx Pin (UVLO_VCCx): Auto-restart
Overcurrent Protection (OCP): Auto-restart
Overvoltage Protection (OVP): Auto-restart
Typical Application
VCC1
W
U
FO
COM2
LIN3
LIN2
LIN1
HIN3
HIN2
HIN1
VBB
V
OCP
LS3
LS2
5V
RS
M
VDC
5
6
7
8
13
14
15
12
HIN3
HIN2
HIN1
LIN3
LIN2
LIN1
Fault
GND
LS1
VCC
33
31
32
30
29
28
27
2
1
COM1
VCC2
SELECT
SD
3
High-side
MIC
Low-side
MIC
25
26
THM2
THM1
5 V or 3.3 V
Tem p.
Tem p.
HS3
VB3
HS2
VB2
HS1
VB1
24
21
22
17
18
9
11
10
23
VCC1
OVP
detection
signal
OVP
detection
signal
Package
DIP33
Pin Pitch: 1.27 mm
Mold Dimensions: 47 mm × 19 mm × 4.4 mm
Not to scale
Selection Guide
● Power Device: IGBT + FRD (600 V)
Part Number
IO
SCM2007MKF
20 A
SCM2008MKF
30 A
Applications
For motor drives such as:
● Refrigerator Compressor Motor
● Air Conditioner Compressor Motor
● Washing Machine Main Motor
● Fan Motor
● Pump Motor


Similar Part No. - SCM2000MKF

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM20 ALLIED-SCM20 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
SCM20-102M-RC ALLIED-SCM20-102M-RC Datasheet
444Kb / 1P
Surface Mount Common Mode Choke
SCM20-102M-RC ALLIED-SCM20-102M-RC Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
SCM20-102M-RC ALLIED-SCM20-102M-RC Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
SCM20-121M-RC ALLIED-SCM20-121M-RC Datasheet
444Kb / 1P
Surface Mount Common Mode Choke
More results

Similar Description - SCM2000MKF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
logo
Sanken electric
SAE6530P0DA01 SANKEN-SAE6530P0DA01 Datasheet
764Kb / 29P
650 V, 30 A 3-phase Motor Driver
SLA6820MH SANKEN-SLA6820MH Datasheet
751Kb / 18P
250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
Low Voltage 3-Phase Brushless Motor Driver ICs
SLA6805MH SANKEN-SLA6805MH Datasheet
846Kb / 37P
600 V, 3 A High Voltage 3-phase Motor Driver
SLA6846MH SANKEN-SLA6846MH Datasheet
856Kb / 36P
600 V, 5 A High Voltage 3-phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com