Electronic Components Datasheet Search
  English  ▼

X  

LPC47B34X Datasheet(PDF) 2 Page - SMSC Corporation

Part # LPC47B34X
Description  128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B34X Datasheet(HTML) 2 Page - SMSC Corporation

  LPC47B34X Datasheet HTML 1Page - SMSC Corporation LPC47B34X Datasheet HTML 2Page - SMSC Corporation LPC47B34X Datasheet HTML 3Page - SMSC Corporation LPC47B34X Datasheet HTML 4Page - SMSC Corporation LPC47B34X Datasheet HTML 5Page - SMSC Corporation LPC47B34X Datasheet HTML 6Page - SMSC Corporation LPC47B34X Datasheet HTML 7Page - SMSC Corporation LPC47B34X Datasheet HTML 8Page - SMSC Corporation LPC47B34X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 250 page
background image
2
-
Fast Gate A20 and KRESET Outputs
•
Serial Ports
-
Two Full Function Serial Ports
-
High Speed NS16C550 Compatible
UARTs with Send/Receive 16-Byte
FIFOs
-
Supports 230k and 460k Baud
-
Programmable Baud Rate Generator
-
Modem Control Circuitry
-
480 Address and 15 IRQ Options
-
IrDA 1.0, HP-SIR, ASK IR Support
•
Multi-Mode Parallel Port with ChiProtect™
-
Standard Mode IBM PC/XT®, PC/AT®,
and PS/2™ Compatible Bidirectional
Parallel Port
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
Against Damage Due to Printer Power-
On
-
480 Address, up to 15 IRQ and 3 DMA
Options
•
LPC Bus (Pin Reduced ISA) Host Interface
-
Multiplexed Command, Address and
Data Bus
-
8-Bit I/O Transfers
-
8-Bit DMA Transfers
-
16-Bit Address Qualification
-
Serial IRQ Interface Compatible with
Serialized IRQ Support for PCI
Systems
-
Power Management Event (nIO_PME)
Interface Pin
•
128 Pin QFP Package
GENERAL DESCRIPTION
The LPC47B34x* is a 3.3V PC99 compliant
Super
I/O
controller.
The
LPC47B34x
implements the LPC interface, a pin reduced
ISA interface which provides the same or better
performance as the ISA/X-bus with a substantial
savings in pins used.
The part provides 62
GPIO
pins
and
ISA
IRQ
to
serial
IRQ
conversion.
The
LPC47B34x
incorporates
a
keyboard
interface, SMSC's true CMOS 765B floppy disk
controller, advanced digital data separator, two
16C550 compatible UARTs, one Multi-Mode
parallel port which includes ChiProtect circuitry
plus EPP and ECP, and Intelligent Power
Management.
The
true
CMOS
765B
core
provides 100% compatibility with IBM PC/XT
and PC/AT architectures in addition to providing
data overflow and underflow protection.
The
SMSC
advanced
digital
data
separator
incorporates SMSC's patented data separator
technology, allowing for ease of testing and use.
The on-chip UARTs are compatible with the
NS16C550. The parallel port is compatible with
IBM PC/AT architecture, as well as IEEE 1284
EPP and ECP.
The LPC47B34x incorporates
sophisticated power control circuitry (PCC). The
PCC supports multiple low power down modes.
The LPC47B34x supports the ISA Plug-and-Play
Standard
(Version
1.0a)
and
provides
the
recommended functionality to support Windows
'95/‘98 and PC99.
The I/O Address, DMA
Channel and Hardware IRQ of each logical
device
in
the
LPC47B34x
may
be
reprogrammed
through
the
internal
configuration
registers.
There
are
480
I/O
address location options, a Serialized IRQ
interface, and three DMA channels.
Standard Microsystems is a registered trademark and
SMSC
is
a
trademark
of
Standard
Microsystems
Corporation. Other product and company names are
trademarks or registered trademarks of their respective
holders.
*The “x” in the part number is a designator that changes depending upon the particular BIOS used
inside the specific chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com