Electronic Components Datasheet Search
  English  ▼

X  

LPC47B34X Datasheet(PDF) 7 Page - SMSC Corporation

Part # LPC47B34X
Description  128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B34X Datasheet(HTML) 7 Page - SMSC Corporation

Back Button LPC47B34X Datasheet HTML 3Page - SMSC Corporation LPC47B34X Datasheet HTML 4Page - SMSC Corporation LPC47B34X Datasheet HTML 5Page - SMSC Corporation LPC47B34X Datasheet HTML 6Page - SMSC Corporation LPC47B34X Datasheet HTML 7Page - SMSC Corporation LPC47B34X Datasheet HTML 8Page - SMSC Corporation LPC47B34X Datasheet HTML 9Page - SMSC Corporation LPC47B34X Datasheet HTML 10Page - SMSC Corporation LPC47B34X Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 250 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
Note: There are no internal pullups on any of the pins in the LPC47B34x.
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER TYPE
PER FUNCTION
(NOTE 6)
FDD INTERFACE
60
GP40 /DRVDEN0
GPIO /Drive Density Select 0
IO12
(I/O12/OD12)/
(O12/OD12)
61
GP41 /DRVDEN1/
nIOCHCK
GPIO /Drive Density Select 1/
I/O Channel Check
IO12
(I/O12/0D12)/
(O12/OD12)/I
62
nMTR0
Motor On 0
O12
(O12/OD12)
63
nDSKCHG
Disk Change
IS
IS
64
nDS0
Drive Select 0
O12
(O12/OD12)
65
nDIR
Step Direction
O12
(O12/OD12)
66
nSTEP
Step Pulse
O12
(O12/OD12)
67
nWDATA
Write Disk Data
O12
(O12/OD12)
68
nWGATE
Write Gate
O12
(O12/OD12)
69
nHDSEL
Head Select
O12
(O12/OD12)
70
nINDEX
Index Pulse Input
IS
IS
71
nTRK0
Track 0
IS
IS
72
nWRTPRT
Write Protected
IS
IS
73
nRDATA
Read Disk Data
IS
IS
58
GP36/nMTR1
General Purpose I/O /Motor On 1
IO12
(I/O12/OD12)/
(O12/OD12)
59
GP37/nDS1
General Purpose I/O /Drive Select 1
IO12
(I/O12/OD12)/
(O12/OD12)
LPC INTERFACE
21
LAD0
Multiplexed Command Address and
Data 0
PCI_IO
PCI_IO
22
LAD1
Multiplexed Command Address and
Data 1
PCI_IO
PCI_IO
23
LAD2
Multiplexed Command Address and
Data 2
PCI_IO
PCI_IO
24
LAD3
Multiplexed Command Address and
Data 3
PCI_IO
PCI_IO
25
nLFRAME
Frame
PCI_I
PCI_I
26
nLDRQ
Encoded DMA Request
PCI_O
PCI_O
27
nPCI_RESET
PCI Reset
PCI_I
PCI_I
28
nLPCPD (Note 1)
Power Down
PCI_I
PCI_I
30
PCI_CLK
PCI Clock
PCI_ICLK
PCI_ICLK
31
SER_IRQ
Serial IRQ
PCI_IO
PCI_IO
GENERAL PURPOSE I/O PINS
1
Reserved
2 /GP62
Reserved Function /General Purpose
I/O
IS/O8
IS/O8/OD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com