Electronic Components Datasheet Search
  English  ▼

X  

LPC47B34X Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47B34X
Description  128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B34X Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47B34X Datasheet HTML 68Page - SMSC Corporation LPC47B34X Datasheet HTML 69Page - SMSC Corporation LPC47B34X Datasheet HTML 70Page - SMSC Corporation LPC47B34X Datasheet HTML 71Page - SMSC Corporation LPC47B34X Datasheet HTML 72Page - SMSC Corporation LPC47B34X Datasheet HTML 73Page - SMSC Corporation LPC47B34X Datasheet HTML 74Page - SMSC Corporation LPC47B34X Datasheet HTML 75Page - SMSC Corporation LPC47B34X Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 250 page
background image
72
As an example, assume that a floppy drive has 300 useable tracks. The host needs to read track 300
and the head is on any track (0-255). If a Seek command is issued, the head will stop at track 255. If
a Relative Seek command is issued, the FDC will move the head the specified number of tracks,
regardless of the internal cylinder position register (but will increment the register). If the head was on
track 40 (d), the maximum track that the FDC could position the head on using Relative Seek will be
295 (D), the initial track + 255 (D). The maximum count that the head can be moved with a single
Relative Seek command is 255 (D).
The internal register, PCN, will overflow as the cylinder number crosses track 255 and will contain 39
(D). The resulting PCN value is thus (RCN + PCN) mod 256. Functionally, the FDC starts counting
from 0 again as the track number goes above 255 (D). It is the user's responsibility to compensate
FDC functions (precompensation track number) when accessing tracks greater than 255. The FDC
does not keep track that it is working in an "extended track area" (greater than 255). Any command
issued will use the current PCN value except for the Recalibrate command, which only looks for the
TRACK0 signal. Recalibrate will return an error if the head is farther than 79 due to its limitation of
issuing a maximum of 80 step pulses. The user simply needs to issue a second Recalibrate
command. The Seek command and implied seeks will function correctly within the 44 (D) track (299-
255) area of the "extended track area". It is the user's responsibility not to issue a new track position
that will exceed the maximum track that is present in the extended area.
To return to the standard floppy range (0-255) of tracks, a Relative Seek should be issued to cross the
track 255 boundary.
A Relative Seek can be used instead of the normal Seek, but the host is required to calculate the
difference between the current head location and the new (target) head location. This may require the
host to issue a Read ID command to ensure that the head is physically on the track that software
assumes it to be. Different FDC commands will return different cylinder results which may be difficult
to keep track of with software without the Read ID command.
Perpendicular Mode
The Perpendicular Mode command should be issued prior to executing Read/Write/Format commands
that access a disk drive with perpendicular recording capability. With this command, the length of the
Gap2 field and VCO enable timing can be altered to accommodate the unique requirements of these
drives.
Table 27 describes the effects of the WGATE and GAP bits for the Perpendicular Mode
command. Upon a reset, the FDC will default to the conventional mode (WGATE = 0, GAP = 0).
Selection of the 500 Kbps and 1 Mbps perpendicular modes is independent of the actual data rate
selected in the Data Rate Select Register. The user must ensure that these two data rates remain
consistent.
The Gap2 and VCO timing requirements for perpendicular recording type drives are dictated by the
design of the read/write head.
In the design of this head, a pre-erase head precedes the normal
read/write head by a distance of 200 micrometers. This works out to about 38 bytes at a 1 Mbps
recording density. Whenever the write head is enabled by the Write Gate signal, the pre-erase head is
also activated at the same time. Thus, when the write head is initially turned on, flux transitions
recorded on the media for the first 38 bytes will not be preconditioned with the pre-erase head since it
has not yet been activated. To accommodate this head activation and deactivation time, the Gap2
field is expanded to a length of 41 bytes. The format field shown on Page 58 illustrates the change in
the Gap2 field size for the perpendicular format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com