Electronic Components Datasheet Search
  English  ▼

X  

LPC47B34X Datasheet(PDF) 1 Page - SMSC Corporation

Part # LPC47B34X
Description  128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B34X Datasheet(HTML) 1 Page - SMSC Corporation

  LPC47B34X Datasheet HTML 1Page - SMSC Corporation LPC47B34X Datasheet HTML 2Page - SMSC Corporation LPC47B34X Datasheet HTML 3Page - SMSC Corporation LPC47B34X Datasheet HTML 4Page - SMSC Corporation LPC47B34X Datasheet HTML 5Page - SMSC Corporation LPC47B34X Datasheet HTML 6Page - SMSC Corporation LPC47B34X Datasheet HTML 7Page - SMSC Corporation LPC47B34X Datasheet HTML 8Page - SMSC Corporation LPC47B34X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 250 page
background image
LPC47B34x
128 Pin Enhanced Super I/O with LPC Interface
for Consumer Applications
FEATURES
•
3.3 Volt Operation (5V Tolerant)
•
LPC Interface
•
Floppy Disk Controller (Supports 2 FDCs)
•
Multi-Mode Parallel Port
•
Two Full UARTs
•
8042 Keyboard Controller (Internal Latch on
IRQ1 and IRQ12)
•
Programmable Wakeup Event Interface
(nIO_PME Pin)
•
SMI Pin
•
GPIOs (62)
•
ISA IRQ to Serial IRQ Conversion (11 Pins)
•
WDT
•
Security Register
•
ACPI Support Register for Monitoring
System Sleep State and SMI Generation
•
Intrusion Detection
•
LED Control
•
Low Battery Warning
•
Battery Backup of Certain Wakeup Events
•
XNOR Chain
•
PC99 and ACPI 1.0 Compliant
•
ISA Plug-and-Play Compatible Register Set
•
Intelligent Auto Power Management
•
2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk
Controller
-
Software and Register Compatible with
SMSC's Proprietary 82077AA
Compatible Core
-
Configurable Open Drain/Push-Pull
Output Drivers
-
Supports Vertical Recording Format
-
16-Byte Data FIFO
-
100% IBM
® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
480 Address, up to 15 IRQ and 3 DMA
Options
•
Enhanced Digital Data Separator
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation
Modes
•
Keyboard Controller
-
8042 Software Compatible
-
8-Bit Microcomputer
-
2k Bytes of Program ROM
-
256 Bytes of Data RAM
-
Four Open Drain Outputs Dedicated for
Keyboard/Mouse Interface
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8-Bit Counter Timer
-
Port 92 Support


Similar Part No. - LPC47B34X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B37X SMSC-LPC47B37X Datasheet
659Kb / 254P
100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications
More results

Similar Description - LPC47B34X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47S42X SMSC-LPC47S42X Datasheet
1Mb / 264P
ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
Enhanced Super I/O Controller with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
Enhanced Super I/O with LPC Interface for Server Applications
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
100 Pin Enhanced Super I/O Controller with LPC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com