Electronic Components Datasheet Search
  English  ▼

X  

PR601 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PR601
Description  High performance NFC integrated reader solution
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 3 Page - NXP Semiconductors

  PR601 Datasheet HTML 1Page - NXP Semiconductors PR601 Datasheet HTML 2Page - NXP Semiconductors PR601 Datasheet HTML 3Page - NXP Semiconductors PR601 Datasheet HTML 4Page - NXP Semiconductors PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PR601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219333
3 of 14
NXP Semiconductors
PR601
High performance NFC integrated reader solution
Reduced PCB size for development of systems with small physical dimensions
Compact, single-package: LQFP100
Fast design-in with supplied firmware
4.
Applications
Highly integrated access systems
Industrial devices requiring high-performance RF
5.
Quick reference data
[1]
Refer to the specification of integrated products for quick reference data details
6.
Ordering information
7.
Marking
Table 1.
Quick reference data[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(LPC1227)
supply voltage LPC1227
3.0
3.3
3.6
V
VDD(CLRC663)
supply voltage CLRC663
3.0
5.0
5.5
V
Tamb
ambient temperature
25
+25
+70
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PR601HL/C1
LQFP100
plastic low profile quad flat package; 100 leads; body 14
 14  1.4 mm
SOT407-1
Table 3.
Marking codes
Type number
Marking code
PR601HL/C1
1st line
product type
2nd line
1st die diffusion number
3rd line
weekcode
4th line
2nd and 3rd die diffusion number
5th line (optional)
additional information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com