Electronic Components Datasheet Search
  English  ▼

X  

PR601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PR601
Description  High performance NFC integrated reader solution
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PR601 Datasheet HTML 3Page - NXP Semiconductors PR601 Datasheet HTML 4Page - NXP Semiconductors PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors PR601 Datasheet HTML 10Page - NXP Semiconductors PR601 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PR601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219333
7 of 14
NXP Semiconductors
PR601
High performance NFC integrated reader solution
9.2 Pin description
For a description of the detailed pin functionality refer to the relevant product data sheet.
VSS and GND refer to the same signal and need all be connected.
10. Functional description
The functionality of this device is defined by the functionality of the 2chips CLRC663 and
LPC1227. No internal connection of the devices had been implemented except for the
GND signal. All external available GND signals need to be connected. A design making
use of this device shall consider a sufficient low thermal resistance between package and
environment. All pins are recommended to be connected to defined signal levels. A PCB
design using the PR601 shall make use of state of the art design practices to ensure a
sufficient heat dissipation. For a detailed functionality refer to the latest product
specifications of the CLRC663 and LPC1227.
11. Limiting values
12. Characteristics
[1]
For a detailed information of the characteristics refer to the data sheets of the packaged products
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Ptot
total power dissipation
ambient temperature 25 °C,
package soldered on PCB
-1.5
W
VESD
electrostatic discharge voltage
human body model; all pins
1500
-
V
Table 6.
Characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(LPC)
supply voltage of LPC1227 die
3.0
3.3
3.6
V
VDD(CLRC)
supply voltage of CLRC663 die
3.0
5.0
5.5
V
Tamb
ambient temperature
25
+25
+70
C
fosc(RC)
LPC1227 internal RC oscillator
frequency
11.76
12.00
12.24
MHz
IDD(TVDD)
TVDD supply current
CLRC663 die transmitter
supply current
-
100
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com