Electronic Components Datasheet Search
  English  ▼

X  

PR601 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PR601
Description  High performance NFC integrated reader solution
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 1 Page - NXP Semiconductors

  PR601 Datasheet HTML 1Page - NXP Semiconductors PR601 Datasheet HTML 2Page - NXP Semiconductors PR601 Datasheet HTML 3Page - NXP Semiconductors PR601 Datasheet HTML 4Page - NXP Semiconductors PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Introduction
Delivering unprecedented integration, these module combines the functionality of multiple
discrete ICs in a single package and enables the development of compact, cost-effective
contactless reader systems for access and industrial applications. The module includes
microcontroller functionality and support of multiple contactless reader protocols based on
13.56 MHz.
The package contains two dies:
1. LPC1227FBD48/301
2. CLRC66301HN1
Not all pins of the LPC1227 specified in the data sheet are available at the reader module.
Please refer to Section 9 “Pinning information”.
The device does not implement any interconnection inside the package. This enables
easy access to all signals during system development.
2.
General description
2.1 CLRC663
The CLRC663 is a highly integrated transceiver IC for contactless communication at
13.56 MHz. This transceiver IC utilizes an outstanding modulation and demodulation
concept completely integrated for different kinds of contactless communication methods
and protocols at 13.56 MHz.
The CLRC663 transceiver ICs support following different operating modes:
• Reader/Writer mode supporting ISO/IEC 14443A/MIFARE
• Reader/Writer mode supporting ISO/IEC 14443B
• Reader/Writer mode supporting FeliCa scheme
• Reader/Writer mode supporting ISO/IEC 15693
• Reader/Writer mode supporting ICODE EPC UID/ EPC OTP
• Reader/Writer mode supporting ISO/IEC 18000-3 Mode 3
• NFC P2P passive initiator
The CLRC663 internal transmitter is able to drive a reader/writer antenna designed to
communicate with ISO/IEC 14443A/MIFARE cards and transponders without additional
active circuitry. The receiver module provides a robust and efficient implementation for
PR601
High performance NFC integrated reader solution
Rev. 3.3 — 10 March 2016
219333
Product data sheet
COMPANY PUBLIC


Similar Part No. - PR601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR60 ETC2-PR60 Datasheet
478Kb / 3P
60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
E-T-A Elektrotechnische...
PR60-111-122-11 E-T-A-PR60-111-122-11 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-122-12 E-T-A-PR60-111-122-12 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-124-11 E-T-A-PR60-111-124-11 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-124-12 E-T-A-PR60-111-124-12 Datasheet
263Kb / 4P
Power Relay PR60
More results

Similar Description - PR601

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
STMicroelectronics
ST25R3916 STMICROELECTRONICS-ST25R3916 Datasheet
2Mb / 157P
High performance NFC universal device and EMVCo™ reader
06-Aug-2021
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
NXP Semiconductors
PN7642 NXP-PN7642 Datasheet
2Mb / 258P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.0 - 14 March 2023
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
logo
NXP Semiconductors
PN7642 NXP-PN7642_V01 Datasheet
2Mb / 329P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.1 - 28 June 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com