Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV7640 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OV7640 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Proprietary to OmniVision Technologies
Version 1.4, March 6, 2003
OV7640/OV7141
CMOS VGA (640 x 480) CAMERACHIP™
Omni ision
Register Set
Table 5 provides a list and description of the Device Control registers contained in the OV7640/OV7141. For all register
Enable/Disable bits, ENABLE=1 and DISABLE=0. The device slave addresses for the OV7640/OV7141 are 42 for write and
43 for read.
Table 5
SCCB Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description
00
GAIN
00
RW
AGC – Gain control gain setting
• Range: [00] to [FF]
01
BLUE
80
RW
AWB – Blue channel gain setting
• Range: [00] to [FF]
Note: This function is not available on the B&W OV7141.
02
RED
80
RW
AWB – Red channel gain setting
• Range: [00] to [FF]
Note: This function is not available on the B&W OV7141.
03
SAT
84
RW
Image Format – Color saturation value
Bit[7:4]:
Saturation value
•
Range: [0] to [F]
Bit[3:0]:
Reserved
Note: This function is not available on the B&W OV7141.
04
HUE
34
RW
Image Format – Color hue control
Bit[7:6]:
Reserved
Bit[5]:
Hue Enable
Bit[4:0]:
Hue setting
Note: This function is not available on the B&W OV7141.
05
CWF
3E
RW
AWB – Red/Blue Pre-Amplifier gain setting
Bit[7:4]:
Red channel pre-amplifier gain setting
•
Range: [0] to [F]
Bit[3:0]:
Blue channel pre-amplifier gain setting
•
Range: [0] to [F]
Note: This function is not available on the B&W OV7141.
06
BRT
80
RW
ABC – Brightness setting
• Range: [00] to [FF]
07-09
RSVD
XX
–
Reserved
0A
PID
76
R
Product ID number (Read only)
0B
VER
48
R
Product version number (Read only)
0C-0F
RSVD
XX
–
Reserved
10
AECH
41
RW
Exposure Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com