Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV7640 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV7640 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics
Version 1.4, March 6, 2003
Proprietary to OmniVision Technologies
5
Omni ision
Electrical Characteristics
NOTE:
Exceeding the Absolute Maximum ratings shown above invalidates all AC and DC electrical specifications and may
result in permanent device damage.
Table 2
Absolute Maximum Ratings
Ambient Storage Temperature
-40ºC to +125ºC
Supply Voltages (with respect to Ground)
VDD-A
3V
VDD-C
3V
VDD-IO
4V
All Input/Output Voltages (with respect to Ground)
-0.3V to VDD_IO+1V
Lead Temperature, Surface-mount process
+230ºC
ESD Rating, Human Body model
2000V
Table 3
DC Characteristics (0°C < TA < 70°C)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD-A
DC supply voltage – Analog
—
2.40
2.5
2.60
V
VDD-C
DC supply voltage – Core
—
2.25
2.5
2.75
V
VDD-IO
DC supply voltage – I/O
—
2.25
—
3.3
V
IDDA
Active (Operating) Current
See Note a
a.
VDD-A = VDD-C = 2.5V, VDD-IO = 3.0V
IDDA = {IDD-IO+ IDD-C + IDD-A}, fCLK = 24MHz at 30 fps, no I/O loading
15
mA
IDDS-SCCB
Standby Current
See Note b
b.
VDD-A = VDD-C = 2.5V, VDD-IO = 3.0V
IDDS:SCCB refers to a SCCB-initiated Standby, while IDDS:PWDN refers to a PWDN pin-initiated Standby
1mA
IDDS-PWDN
Standby Current
10
μA
VIH
Input voltage HIGH
CMOS
0.7 x VDD-IO
V
VIL
Input voltage LOW
0.3 x VDD-IO
V
VOH
Output voltage HIGH
CMOS
(IOH / IOL)
0.9 x VDD-IO
V
VOL
Output voltage LOW
0.1 x VDD-IO
V
IOH
Output current HIGH
See Note c
c.
Standard Output Loading = 25pF, 1.2K
to 3V
8mA
IOL
Output current LOW
15
mA
IL
Input/Output Leakage
GND to VDD-IO
± 1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com