Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV7640 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV7640 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Functional Description
Version 1.4, March 6, 2003
Proprietary to OmniVision Technologies
3
Omni ision
Image Sensor Array
The OV7640/OV7141 CAMERACHIPS has an active image
array size of 640 columns x 480 rows (307,200 pixels).
However, the full array contains 652 columns and 486
rows, with the extra 6 rows used for black-level calibration
(“Optical Black”) and color interpolation information.
Figure 3 shows a cross-section of the image sensor array.
Figure 3 Image Sensor Array
Timing Generator
In general, the timing generator controls these functions:
•
Array control and frame generation (VGA and QVGA
outputs)
•
Internal timing signal generation and distribution
•
Frame rate timing
•
Automatic Exposure Control (AEC)
•
External timing outputs (VSYNC, HREF and PCLK)
Analog Processing Block
This block performs all analog image functions including:
•
Automatic Gain Control (AGC)
•
Automatic White Balance (AWB)
•
Image quality controls including:
– Color saturation
–Hue
–Gamma
– Sharpness (edge enhancement)
– Anti-blooming
– Zero smearing
Color Filter
Microlens
Photo Diode
A/D Converters
After the Analog Processing Block, the color channel data
signal is fed to two 8-bit Analog-to-Digital (A/D) converters
via the multiplexers, one for the Y/G channel and one
shared by the CrCb/BR channels. These A/D converters
operate
at
speeds
up
to
12MHz,
and
are
fully
synchronous to the pixel rate (actual conversion rate is
related to the frame rate).
In addition to the A/D conversion, this block also has the
following functions:
•
Digital Black-Level Calibration (BLC)
•
Optional U/V channel delay
•
Additional A/D range controls
In general, the combination of the A/D Range Multiplier
and A/D Range Control sets the A/D range and maximum
value to allow the user to adjust the final image brightness
as a function of the individual application.
Output Formatter
This block controls all output and data formatting required
prior to sending the image out.
Digital Video Port
These two bits increase IOL / IOH drive current and can be
adjusted as a function of the customer’s loading:
SCCB Interface
The Serial Camera Control Bus (SCCB) interface controls
the
CAMERACHIP
operation.
Refer
to
OmniVision
Technologies Serial Camera Control Bus (SCCB)
Specification for detailed usage of the serial control port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com