Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 2Page - NXP Semiconductors SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Read Function
Freescale Semiconductor
6
Figure 2. Tag Reader Block Diagram
2
Read Function
When answering to the base station, a transponder generates an absorption modulation of the magnetic field. It results in an
amplitude/phase modulation of the current across the antenna. This information is picked up at the antenna tap point between
the coil and the capacitor. An external resistive ladder down scales this voltage to a level compatible with the demodulator input
voltage range (see Section 15, “Tag Reader”).
The demodulator (see Figure 2) consists of:
•
an input stage (emitter follower)
•
a sample and hold circuit
•
a voltage follower
•
a low offset voltage comparator
The sampling time is automatically set to take into account a phase shift due to the tolerances of the antenna components (L and
C) and of the oscillator. The allowed phase shift measured at the input RD ranges from
−45° to +45°. Assuming that the phase
D
C
Q
+
-
1/32 counter
1/2
RD
CEXT
AGND
Buffer
VDD
500ns
S/H
Buffer
Comparator
100KW
8MHz
Clock 8 MHz
Data out
Interface
125 kHz
TD2
11.25
°, 22.5°, 33.75°, 45°, 56.25°, 67.5°, 78.75°, 90°
AM Data
4MHz
125 kHz
LVR
Shutdown
TD1
10nF
+0
°, -11.25°, -22.5°, -33.75°, -45°, -56.25°, -67.5°, -78.75°
CA
LA
R1
R2
CEXT
RA
VDD
+
-
Setup and Preload
Self synchronous
sample and hold
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com