Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 1 Page - NXP Semiconductors

  SC33690DS Datasheet HTML 1Page - NXP Semiconductors SC33690DS Datasheet HTML 2Page - NXP Semiconductors SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: SC33690DS
Rev. 5, 02/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC33690
SOIC-20
The standalone tag reader circuit (STARC) is an integrated
circuit dedicated to the automotive immobilizer applications.
It combines the antenna drivers and demodulator necessary to
interface with a transponder.
A low dropout voltage regulator and a physical interface fully
compatible with the ISO 9141 norm are also available.
The STARC is fabricated with the SMARTMOSTM3.5
technology. This process is a double layer metal 1.4µm
45V technology, combining CMOS and bipolar devices.
• Contactless 125 kHz tag reader module:
– Self synchronous sample and hold demodulator
– Amplitude or phase modulation detection
– High sensitivity
– Fast read after write demodulator settling time
– Low resistance and high current antenna drivers, 2W @
150mA (typ.)
– Bidirectionnal data transmission
– Multi-tag, multi-scheme operation
• Low dropout voltage regulator:
– Wide input supply voltage range from 5.5V up to 40V
– Output current capability up to 150mA DC with an
external power transistor
– 5V output voltage with a
±5% accuracy
– Low voltage reset function
– Low current consumption in standby mode:
– 300µA (typ.)
• ISO 9141 transmitter and receiver module:
– Input voltage thresholds ratiometric to the supply
voltage
– Current limitation
– Output slew rate control
– No external protection device required
MC33690 Standalone Tag
Reader Circuit
SOURCE
TD1
VDD
TD2
XTAL2
XTAL1
AM
K
Rx
Tx
1
2
3
7
4
5
6
8
13
12
11
10
9
14
VSS
VSUP
GATE
15
16
17
20
19
18
MODE1
MODE2
RD
LVR
DOUT
AGND
CEXT
Pin Connections
ORDERING INFORMATION
Device
Operating
Junction
Temperature
Range
Package
MC33690DW
MC33690DWE
TJ = −40°C to
125°C
TJ =
−40°C to
125°C
SOIC 20
SOIC 20
(ROHS)


Similar Part No. - SC33690DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC33690DS NXP-SC33690DS Datasheet
470Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results

Similar Description - SC33690DS

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
Electronic Tag
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
TAG Ring
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
Standalone Tag Reader Circuit
MC33690 FREESCALE-MC33690_07 Datasheet
379Kb / 26P
MC33690 Standalone Tag
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Microchip Technology
TC2030-MCP MICROCHIP-TC2030-MCP Datasheet
408Kb / 1P
Tag-Connect In-Circuit Cable Legged Version
2010
logo
Schneider Electric
XGSZCNFAC SCHNEIDER-XGSZCNFAC Datasheet
95Kb / 1P
SET OF BADGES FOR SETUP OF THE STANDALONE READER
Jan 7, 2021
logo
SparkFun Electronics
SEN-14066 SPARKFUN-SEN-14066 Datasheet
1Mb / 26P
Simultaneous RFID Tag Reader Hookup Guide
2/27/2017
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com