Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors SC33690DS Datasheet HTML 12Page - NXP Semiconductors SC33690DS Datasheet HTML 13Page - NXP Semiconductors SC33690DS Datasheet HTML 14Page - NXP Semiconductors SC33690DS Datasheet HTML 15Page - NXP Semiconductors SC33690DS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Standalone Configuration with Two-Wire Bus
Freescale Semiconductor
12
8
Standalone Configuration with Two-Wire Bus
When a low level is applied on MODE1 and a high level on MODE2, the circuit is in configuration B (see Figure 25). The K
pin is set as an output sending the demodulated data.
The AM pin is set as a VSUP referenced input pin receiving the amplitude modulation and the shutdown/wake-up commands.
Forcing high and low levels on AM achieves the amplitude modulation by switching on/off both antenna drivers. This amplitude
modulation can be monitored on the K output and allows antenna short and open circuit diagnosis. The circuit can be put into
standby mode by forcing the AM line at zero during more than 2 ms. The circuit sends an acknowledge pulse before entering
into standby mode.
In standby mode, the oscillator and most of the internal biasing currents are switched off. Therefore, the functions (tag reader
and ISO 9141 driver) are inactive except for the voltage regulator and the ISO 9141 receiver on pin AM. The driver output TD1
forces a low level and TD2 a high level. A rising edge on AM wakes up the circuit. After completion of the wake-up sequence,
the circuit is automatically set in read mode.
In configuration B, DOUT and Rx outputs always force a low level and Tx is disabled.
Figure 8. Modes Access Description in Two-wire Bus Configuration
Figure 9. Configuration B State Diagram
AM line
1
0
0
0
1
1
data read
drivers off
AM line
t Š T1
standby mode
Read and write sequences:
1
0
0
0
1
1
K line
Entering into standby mode:
K line
data write modulation
data write
AM line monitoring
drivers on
wake-up sequence
data read
T2
T2
T1
Coming out of standby mode:
AM line
K line
standby mode
acknowledge
TD1/2 off
TD1/2
Standby
AM line high
Wake-up
AM line low
T1 £ AM line low
Reset
AM line high
AM line low
AM
switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com