Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL3ICS3001 Datasheet HTML 1Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
3 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
Rmax ... maximum achieved operating distance for a lossless, matched /2-dipole.
The maximum write distance is around 70% of the read distance.
[1]
Current CEPT/ETSI regulations [CEPT1], [ETSI1].
[2]
Proposal for future CEPT/ETSI regulations.
[3]
FCC regulation [FCC1].
[4]
In many other countries regulations either similar to FCC or CEPT/ETSI may apply.
[5]
Current CEPT/ETSI regulations [CEPT2], [ETSI2].
[6]
FCC regulation [FCC1].
[7]
In many other countries regulations either similar to FCC or CEPT/ETSI may apply.
[8]
These distances are typical values for general tags and labels. A special tag antenna design or reflection
could achieve higher values.
[9]
Practical usable read distance values may be notable lower, strongly depending on application set-up,
damping by environment materials and the quality of the matching between tag antenna and chip
impedance.
The maximum write distance is around 70% of the read distance.
Table 1.
Operating distances for UCODE HSL based tags and labels in released frequency
bands
Frequency range
Region
Available power Calculated read distance
single antenna[8][9]
Unit
868.4 to 868.65 MHz (UHF) Europe [1]
0.5 W ERP
4.0
m
865.5 to 867.6 MHz (UHF)
Europe [2]
2 W ERP
8.0
m
902 to 928 MHz (UHF)
America [3] 4 W EIRP
8.4
m
860 to 930 MHz (UHF)
Others [4]
m
2.400 GHz to 2.4835 GHz
Europe [5]
0.5 W EIRP
outdoor
0.6
m
2.400 GHz to 2.4835 GHz
Europe [5]
4 W EIRP indoor 1.8
m
2.400 GHz to 2.4835 GHz
America [6] 4 W EIRP
1.8
m
2.400 GHz to 2.4835 GHz
Others [7]
m
R
max
EIRP G
TAG
2

4

2
P
TAG
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com