Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL3ICS3001 Datasheet HTML 1Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1.
General description
The UCODE HSL IC, SL3ICS3001 (UCODE High frequency Smart Label) is a dedicated
chip for passive smart tags and labels, especially for supply chain management and
logistics applications in the US, where operating distances of several meters can be
realized. Further, the UCODE HSL technology platform is also designed for operation
under European regulations.
This integrated circuit is the first member of a product family of smart label ICs targeted to
be compliant with the future ISO standards 18000-4 and 18000-6 for item management.
The UCODE HSL system offers the possibility of operating labels simultaneously in the
field of the interrogator antenna (Anticollision, Collision Arbitration).
The UCODE HSL family of ICs is especially designed for long range applications.
The tag requires no internal power supply. Its contactless interface generates the power
supply via the antenna circuit by propagative energy transmission from the interrogator
(read/write device), while the system clock is generated by an on-board oscillator. The
contactless interface demodulates data transmitted from the interrogator to the UCODE
HSL based tag, and further modulates the electromagnetic field provided by the
interrogator for data transmission from the UCODE HSL based tag to the interrogator.
A generic RFID system consists of an interrogator (base station) that runs the RFID
protocol, as well as one or more tags. The tag itself includes an SL3ICS3001 chip and an
antenna tuned to the carrier frequency of the interrogator, and a package to hold the chip
and antenna together.
When placed in the RF field of an interrogator, a SL3ICS3001 based tag will begin to
power up. If the field is strong enough, the tag IC will execute a power-on reset and will be
ready to receive commands. Each command begins with a preamble and start delimiter
that, taken together, enable the tag to perform clock and data recovery on the incoming
signal. Data to and from the tag is checked for errors using a CRC. Therefore, CRC fields
are present in all interrogator commands and in all tag responses. Additional data
protection is provided by Manchester encoding on the forward (interrogator to tag) link
and FM0 encoding on the return (tag to interrogator) link.
The interrogator can perform a number of functions on tags in its field. For example, the
interrogator can send a command sequence, which allows it to identify multiple tags in its
RF field simultaneously. Alternatively, it can select a subset of the tags in the field based
on tag memory contents. It can also read data stored on a tag in its field, as well as write
data to such a tag. In addition, it can simultaneously write data to an arbitrary subset of the
tags in the field.
SL3ICS3001
UCODE HSL
Rev. 3.1 — 9 July 2012
072831
Product data sheet
COMPANY PUBLIC


Similar Part No. - SL3ICS3001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS3001FW PHILIPS-SL3ICS3001FW Datasheet
56Kb / 9P
UCODE HSL
October 2003
More results

Similar Description - SL3ICS3001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
UCODE HSL
October 2003
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
UCODE HSL
October 2003
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
UCODE 7m
Rev. 3.4-6 March 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
UCODE I2C
Rev.3.5-18 September 2018
SL3S1205-15 NXP-SL3S1205-15 Datasheet
389Kb / 38P
UCODE 8/8m
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com