Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SL3ICS3001 Datasheet HTML 41Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 42Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 43Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 44Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 45Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 46Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 47Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 48Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
45 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
11.4.13 Exception handling for fast return link mode
If "11 01 11 00 10 1" is used as Start Delimiter in the forward link to use the high return link
datarate (4 times the forward link datarate) the following deviations have to be considered:
Within the responses of the tag (Acknowledge, Acknowledge_NOK, Acknowledge_OK,
Error_NOK, Error, Error_OK) to the following commands: WRITE, WRITE4BYTE, LOCK,
QUERY_LOCK the data byte returned by the tag does not contain the information used for
CRC calculation. Therefore it shall be ignored and only the CRC should be evaluated. The
exact meaning of the returned information is described in Table 28.
If the READ_PORT command is used together with start deliminator “11 01 11 00 10 1”
the data has to be evaluated as described in Table 29.
Remark: X in the tag state column indicates a don’t care value. XX hex in the transmitted
value column indicates that this data do not carry any useful respond information.
This table only described the support of the flags WRITE_OK flag, DE_SB flag. All other
flags are not used by this device and are set to 0.
Table 28.
Tag responses in the 4x return link mode
Response name
Response size/byte
Transmitted Value
Data
CRC
Data
CRC
ACKNOWLEDGE
1
2
XX hex
1E0F hex
ACKNOWLEDGE_NOK
1
2
XX hex
1E0F hex
ACKNOWLEDGE_OK
1
2
XX hex
0E2E hex
ERROR_NOK
1
2
XX hex
00FF hex
ERROR
1
2
XX hex
00FF hex
ERROR_OK
1
2
XX hex
10DE hex
Table 29.
Tag responses in the 4x return link mode for the READ_PORT command
Response name
Response size / byte
Transmitted Value
Data
CRC
Data
CRC
Port 0
cleared
cleared
XX hex
1E0F hex
cleared
set
XX hex
0E2E hex
set
cleared
XX hex
3E4D hex
set
set
XX hex
2E6C hex
Port 1 - 255
seX
X
XX hex
1E0F hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com