Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL3ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 9Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
6 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
7.
Functional description
7.1 Power transfer
The interrogator provides a RF field that powers the tag containing the SL3ICS3001 and
an antenna. The tag antenna transforms the impedance of free space to the chip input
impedance in order to get the maximum possible power for the SL3ICS3001 on the tag.
The RF field, which is oscillating on the operating frequency provided by the interrogator,
is rectified to provide smoothed DC voltage to the analog and digital modules of the IC.
The antenna that is attached to the chip has to support the rectifier structure on the chip
by having no short circuit between the two antenna connectors (e.g. simple dipole
structure). There will appear a DC voltage on the chip inputs during chip operation.
The RF field has to be turned on whenever the tag should operate. This also includes
response time (backscatter) and the EEPROM programming process.
7.2 Operation frequency
The SL3ICS3001 supports global operation in different frequency bands. In principle, the
SL3ICS3001 has no restriction on the operating frequency. Based on regulation
requirements the SL3ICS3001 is released for the following frequency bands.
7.3 Data transfer
7.3.1 Forward link
The SL3ICS3001 supports Manchester Code amplitude modulation. For data
transmission, the interrogator switches between two values of emitted power.
Details are described in Section 9.
7.3.2 Return link
As the energy of the RF field is used and required for operation, the tag communicates
back to the interrogator by changing its load to the RF field. For high frequencies, the
behaviour of the RF field (electromagnetic field) may be described by travelling waves.
Therefore, this method is called backscatter.
Details are described in Section 9.
Table 3.
Released operating frequency bands
Frequency band
Limit
Unit
Lower
Upper
UHF
860
960
MHz
2.45 GHz
2.4
2.5
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com