Electronic Components Datasheet Search
  English  ▼

X  

845GE Datasheet(PDF) 13 Page - Intel Corporation

Part # 845GE
Description  82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GE Datasheet(HTML) 13 Page - Intel Corporation

Back Button 845GE Datasheet HTML 9Page - Intel Corporation 845GE Datasheet HTML 10Page - Intel Corporation 845GE Datasheet HTML 11Page - Intel Corporation 845GE Datasheet HTML 12Page - Intel Corporation 845GE Datasheet HTML 13Page - Intel Corporation 845GE Datasheet HTML 14Page - Intel Corporation 845GE Datasheet HTML 15Page - Intel Corporation 845GE Datasheet HTML 16Page - Intel Corporation 845GE Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 176 page
background image
Intel® 82845GE/82845PE Datasheet
13
Introduction
Introduction
1
This datasheet is for both the Intel® 82845GE Graphics and Memory Controller Hub (GMCH) and
Intel® 82845PE Memory Controller Hub (MCH) components. The 82845GE GMCH is part of the
Intel® 845GE chipset and the 82845PE MCH is part of the Intel® 845PE chipset. Each chipset
contains two main components: GMCH (MCH) for the host bridge and I/O Controller Hub for the
I/O subsystem. The GMCH (MCH) provides the processor interface, system memory interface,
hub interface, and additional interfaces in an 845GE / 845PE chipset desktop platform. Both the
845GE chipset and 845PE chipset use the 82801DB ICH4 for the I/O Controller Hub.
The difference between the 82845GE GMCH and 82845PE MCH is that the 82845GE contains an
internal graphics device and the 82845PE does not contain an internal graphics device.
Note: Unless otherwise specified, the information in this document applies to both the 82845GE GMCH
and 82845PE MCH. The term (G)MCH refers to both the 82845GE GMCH and 82845PE MCH.
1.1
Terminology
Term
Description
Accelerated
Graphics Port
(AGP)
This refers to the AGP/PCI_B interface on the (G)MCH. The (G)MCH AGP interface
supports only 1.5 V Accelerated Graphics Port Interface, Specification 2.0-compliant
devices using PCI (66 MHz), AGP 1X (66 MHz), 2X (133 MT/s) and
4X (266 MT/s) transfers. The (G)MCH does NOT support 3.3 V devices. PIPE# and SBA
addressing cycles and their associated data phases are generally referred to as AGP
transactions. FRAME# cycles are generally referred to as AGP/PCI transactions.
AGP/PCI
AGP/PCI in the document refers to AGP/PCI_B.
Chipset Core
The (G)MCH internal base logic.
DDR
Double Data Rate SDRAM.
Full Reset
A Full (G)MCH Reset is defined in this document when RSTIN# is asserted.
GART
Graphics Aperture Re-Map Table. Table in memory containing the page re-map
information used during AGP aperture address translations.
GMCH
The Graphics and Memory Controller Hub (GMCH) component contains the processor
interface, SDRAM controller, AGP interface, and an integrated 3D/2D/display graphics
core. It communicates with the I/O Controller Hub 4 (ICH4) over a proprietary interconnect
called the hub interface.
Graphics Core
The internal graphics related logic in the GMCH. Also known as the Integrated Graphics
Device (IGD).
HI
Hub Interface. The proprietary hub interconnect that ties the (G)MCH to the ICH4. In this
document HI cycles originating from or destined for the primary PCI interface on the ICH4
are generally referred to as HI/PCI or simply HI cycles.
Host
This term is used synonymously with processor or CPU.
Intel® ICH4
Fourth generation I/O Controller Hub component.
IGD
Integrated Graphics Device. Graphics device integrated into the GMCH.
LVTTL
Low Voltage TTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com