Electronic Components Datasheet Search
  English  ▼

X  

1754568 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754568
Description  CCVA 2,5/ 2-G-5,08 P26THR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754568 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754568 Datasheet HTML 1Page - PHOENIX CONTACT 1754568 Datasheet HTML 2Page - PHOENIX CONTACT 1754568 Datasheet HTML 3Page - PHOENIX CONTACT 1754568 Datasheet HTML 4Page - PHOENIX CONTACT 1754568 Datasheet HTML 5Page - PHOENIX CONTACT 1754568 Datasheet HTML 6Page - PHOENIX CONTACT 1754568 Datasheet HTML 7Page - PHOENIX CONTACT 1754568 Datasheet HTML 8Page - PHOENIX CONTACT 1754568 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1955853 CCVA 2,5/ 2-G-5,08 P26THR
REF 1955853
PHOENIX CONTACT
4 / 15
2017-10-02
Product version 06
Document revision 0
6Dimensions
Order No.
1955853
Type
CCVA 2,5/ 2-G-5,08 P26THR
Type of contact
Male connector
Range of articles
CCVA 2,5/..-G
Pitch
5.08 mm
Number of positions
2
Locking
without
Mounting type
THR soldering
Pin layout
Linear pinning
Product note
User information and design recommendations for through hole reflow techno-
logy can be found under “Downloads”
5
item properties
Material of metal parts
Note
WEEE/RoHS-compliant, whisker-free acc. to IEC 60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface contact area
Ni 1 µm ... 3 µm , Sn 3 µm ... 5 µm
Soldering area surface
Ni 1 µm ... 3 µm , Sn 3 µm ... 5 µm
Surface characteristics
Tin-plated
5.1
Material data
Insulating material data
Housing
Insulating material
LCP
CTI according to IEC 60112
175
Flammability rating according to UL 94
V0
Color
black (9005)
Length
8.6 mm
Width
12.96 mm
Height (without solder pin)
12 mm
Total height
14.6 mm
Solder pin [P]
2.6 mm
Dimension a
5.08 mm
6.1
Dimensions for the product
Hole diameter
1.6 mm
Pin dimensions
1,0 x 1,0
6.2
Dimensions for PCB design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com