Electronic Components Datasheet Search
  English  ▼

X  

1754568 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1754568
Description  CCVA 2,5/ 2-G-5,08 P26THR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754568 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1754568 Datasheet HTML 7Page - PHOENIX CONTACT 1754568 Datasheet HTML 8Page - PHOENIX CONTACT 1754568 Datasheet HTML 9Page - PHOENIX CONTACT 1754568 Datasheet HTML 10Page - PHOENIX CONTACT 1754568 Datasheet HTML 11Page - PHOENIX CONTACT 1754568 Datasheet HTML 12Page - PHOENIX CONTACT 1754568 Datasheet HTML 13Page - PHOENIX CONTACT 1754568 Datasheet HTML 14Page - PHOENIX CONTACT 1754568 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1955853 CCVA 2,5/ 2-G-5,08 P26THR
REF 1955853
PHOENIX CONTACT 13 / 15
2017-10-02
Product version 06
Document revision 0
CCVA 2,5/..-G
SMSTB 2,5/..-ST
FRONT-MSTB 2,5/
..-ST
TMSTBP 2,5/..-ST
TVMSTB 2,5/..-ST
Specification
IEC 61984
IEC 61984
IEC 61984
IEC 61984
Mechanical tests (A)
Insertion/withdrawal force per position
approx. 8 N / 6 N
Polarization when inserted
Requirement >20 N
Test passed
Contact holder in insert
Requirements >20 N
Test passed
Durability tests (B)
Insertion/withdrawal cycles
25
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
4.8 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
2.21 kV
Insulation resistance
Requirements > 5 MΩ
> 12 TΩ
Thermal tests (C)
Tested number of positions
12
Tested conductor cross section
2.5 mm²
Test current
12 A DC
Upper limiting temperature
Requirements < 100°C
Test passed
Climatic tests (D)
Test sequence 1: low temperature storage
-40 °C/2 h
Test sequence 2: heat storage
100 °C/168 h
Test sequence 3: noxious gas storage
(ISO 6988)
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
4.8 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
2.21 kV
Environmental and endurance tests (E)
Specification
IEC 61984:2008-10
Degree of protection
Finger safety with IP20
test finger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com