Electronic Components Datasheet Search
  English  ▼

X  

1754568 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754568
Description  CCVA 2,5/ 2-G-5,08 P26THR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754568 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754568 Datasheet HTML 1Page - PHOENIX CONTACT 1754568 Datasheet HTML 2Page - PHOENIX CONTACT 1754568 Datasheet HTML 3Page - PHOENIX CONTACT 1754568 Datasheet HTML 4Page - PHOENIX CONTACT 1754568 Datasheet HTML 5Page - PHOENIX CONTACT 1754568 Datasheet HTML 6Page - PHOENIX CONTACT 1754568 Datasheet HTML 7Page - PHOENIX CONTACT 1754568 Datasheet HTML 8Page - PHOENIX CONTACT 1754568 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Header, Reflow/wave soldering
Order No.: 1955853
Type: CCVA 2,5/ 2-G-5,08 P26THR
Data sheet
1
Main features
2
Your advantages
 No. of pos.
2
 Nominal current
12 A
 Nominal cross section
2.5 mm²
 Nominal voltage
320 V
 Color
black
 Connection direction
90 °
 Pitch
5.08 mm
 Type of packaging
packed in cardboard
 Mounting type
THR soldering
Designed for integration into the SMT soldering process
Vertical connection enables multi-row arrangement on the PCB
Maximum flexibility when it comes to device design – one header for connectors with different connection technolo-
gies
Closed contour for optimum stability of the plug-in connection
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1955853
2017-10-02
Product version 06
The figure shows a 10-position version of the
product
Document revision 0


Similar Part No. - 1754568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754562 PHOENIX-1754562 Datasheet
146Kb / 5P
MSTBV 2,5/ 8-G
1754562 PHOENIX-1754562 Datasheet
145Kb / 5P
MSTB 2,5/ 8-G
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
More results

Similar Description - 1754568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955866 PHOENIX-1955866 Datasheet
133Kb / 5P
CCVA 2,5/ 3-G-5,08 P26THR
1827883 PHOENIX-1827883 Datasheet
97Kb / 4P
Printed-circuit board connector - CCVA 2,5/13-G-5,08 P26THR
1827906 PHOENIX-1827906 Datasheet
97Kb / 4P
Printed-circuit board connector - CCVA 2,5/15-G-5,08 P26THR
1827935 PHOENIX-1827935 Datasheet
97Kb / 4P
Printed-circuit board connector - CCVA 2,5/18-G-5,08 P26THR
1827951 PHOENIX-1827951 Datasheet
97Kb / 4P
Printed-circuit board connector - CCVA 2,5/20-G-5,08 P26THR
1955905 PHOENIX-1955905 Datasheet
133Kb / 5P
CCVA 2,5/ 7-G-5,08 P26THR
1955921 PHOENIX-1955921 Datasheet
133Kb / 5P
CCVA 2,5/ 9-G-5,08 P26THR
1955879 PHOENIX-1955879 Datasheet
596Kb / 14P
Printed-circuit board connector - CCVA 2,5/ 4-G-5,08 P26THR
02/04/2022
1955918 PHOENIX-1955918 Datasheet
1Mb / 28P
PCB header - CCVA 2,5/ 8-G-5,08 P26THR
Jan 3, 2023
1955895 PHOENIX-1955895 Datasheet
1Mb / 28P
CCVA 2,5/ 6-G-5,08 P26THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com