Electronic Components Datasheet Search
  English  ▼

X  

1754568 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1754568
Description  CCVA 2,5/ 2-G-5,08 P26THR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754568 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1754568 Datasheet HTML 3Page - PHOENIX CONTACT 1754568 Datasheet HTML 4Page - PHOENIX CONTACT 1754568 Datasheet HTML 5Page - PHOENIX CONTACT 1754568 Datasheet HTML 6Page - PHOENIX CONTACT 1754568 Datasheet HTML 7Page - PHOENIX CONTACT 1754568 Datasheet HTML 8Page - PHOENIX CONTACT 1754568 Datasheet HTML 9Page - PHOENIX CONTACT 1754568 Datasheet HTML 10Page - PHOENIX CONTACT 1754568 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1955853 CCVA 2,5/ 2-G-5,08 P26THR
REF 1955853
PHOENIX CONTACT
7 / 15
2017-10-02
Product version 06
Document revision 0
11
Electrical tests
Rated current / conductor cross section
12 A / 2.5 mm²
Rated insulation voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Contact resistance
1.3 mΩ
Degree of pollution
2
11.1
Electrical data
Component
Header
Specification
IEC 60664-1:2007-04
Mains type
unearthed mains
Insulating material group
IIIa
Comparative tracking index (IEC 60112:2003-01)
CTI 175
Rated insulation voltage
250 V
320 V
400 V
Rated surge voltage
4 kV
4 kV
4 kV
Degree of pollution
3
2
2
Overvoltage category
III
III
II
Minimum clearance case A (inhomogeneous field)
3 mm
3 mm
3 mm
Minimum value of the creepage path requirement in acc. with table
4 mm
3.2 mm
4 mm
11.2
Air and creepage distances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com