Electronic Components Datasheet Search
  English  ▼

X  

SC220 Datasheet(PDF) 14 Page - Zarlink Semiconductor Inc

Part # SC220
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220 Datasheet(HTML) 14 Page - Zarlink Semiconductor Inc

Back Button SC220 Datasheet HTML 10Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 11Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 12Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 13Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 14Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 15Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 16Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 17Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 18Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
13
Rev. 4.5 – February
1999
2.2
Local Memory (Control Buffer Memory) Interface
t Uses industry standard Synchronous Burst SRAM (Pipe-lined Mode)
◊ Supports 64k x 32, 128k x 32, or 256k x 32 chips up to maximum 2M bytes
t Provides 4 individual Byte Write Enable controls
t Supports back to back Read or Write operations
2.2.1
Pin Description
Symbol
Type
Name & Functions
L_D[31:0]
TTL
I/O-TS
Local Memory Data Bus Bit [31:0] – a 32-bit synchronous data bus.
L_A[18:2]
CMOS
Output
Local Memory Address Bus Bit [18:2] – Bit [17:2] of a synchronous ad-
dress bus. The memory address is sampled when L_CS# is enabled
and L_ADSC# is asserted.
L_A[19] /
L_WE[3]#
CMOS
Output
Local Memory Address Bus Bit [19] or Local Memory Write Chip Select
[3] – Depends on memory configuration, this pin can be used as the
Local Memory Address Bit [19] or as the Local Memory Write Chip
Select [3].
L_WE[2:0]#
CMOS
Output
Local Memory Write Chip Select [2:0] – allows up to write one of the 4
banks of memory.
L_OE[3:0]#
CMOS
Output
Local Memory Read Chip Select [3:0] – allows up to read one of the 4
banks of memory.
L_BWE[3:0]#
CMOS
Output
Local Memory Byte Write Enable [3:0] – use to write individual bytes.
L_ADSC#
CMOS
Output
Local Memory Controller Address Status – to load a new address.
L_CLK
CMOS
Output
Local Memory Clock – a synchronous clock to memory devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com