Electronic Components Datasheet Search
  English  ▼

X  

SC220 Datasheet(PDF) 29 Page - Zarlink Semiconductor Inc

Part # SC220
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220 Datasheet(HTML) 29 Page - Zarlink Semiconductor Inc

Back Button SC220 Datasheet HTML 25Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 26Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 27Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 28Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 29Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 30Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 31Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 32Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 33Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
28
Rev. 4.5 – February
1999
4.4
CAM Memory Interface:
C1
C3
C5
C2
C4
C6
S_CLK
C_D[15:0]
C_MF#
C_FF#
CAM Memory Interface –
Input setup and hold timing
C7-min
C12
S_CLK
C_D[15:0]
CAM Memory Interface –
Output float delay timing
C7-min
C7-max
C8-min
C8-max
C9-min
C9-max
C10--min
C10-max
C11-min
C11-max
S_CLK
C_D[15:0]
C_CE#
C_WE#
C_CM#
C_EC#
CAM Memory Interface –
Output valid delay timing
-40
-50
-66
Symbol
Parameter
Min
(ns)
Max
(ns)
Min
(ns)
Max
(ns)
Min
(ns)
Max
(ns)
Note:
C1
C_D[15:0]# input set-up time
4.5
4
5
C2
C_D[15:0]# input hold time
1.5
1.5
2
C3
C_MF# input set-up time
4.5
4
5
C4
C_MF# input hold time
1.5
1.5
2
C5
C_FF# input set-up time
4.5
4
5
C6
C_FF# input hold time
1.5
1.5
2
C7
C_D[15:0]# output valid delay
5
18
4
15
6
20
C8
C_CE# output valid delay
5
18
4
15
6
20
C9
C_WE# output valid delay
5
18
4
15
6
20
C10
C_CM# output valid delay
5
18
4
15
6
20
C11
C_CE# output valid delay
5
18
4
15
6
20
C12
C_D[16:0]# output float delay
13
10
15
AC Characteristics – CAM Memory Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com