Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5502 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5502 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320VC5502 Datasheet HTML 1Page - Texas Instruments TMS320VC5502 Datasheet HTML 2Page - Texas Instruments TMS320VC5502 Datasheet HTML 3Page - Texas Instruments TMS320VC5502 Datasheet HTML 4Page - Texas Instruments TMS320VC5502 Datasheet HTML 5Page - Texas Instruments TMS320VC5502 Datasheet HTML 6Page - Texas Instruments TMS320VC5502 Datasheet HTML 7Page - Texas Instruments TMS320VC5502 Datasheet HTML 8Page - Texas Instruments TMS320VC5502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 195 page
background image
TMS320VC5502
Fixed-Point Digital Signal Processor
www.ti.com
SPRS166K – APRIL 2001 – REVISED NOVEMBER 2008
3.12.2.8
Parallel GPIO Direction Register 2 (PGPIODIR2)
.............................................. 96
3.12.2.9
Parallel GPIO Data Register 2 (PGPIODAT2)
.................................................. 97
3.13
External Bus Control Register
............................................................................................ 98
3.13.1
External Bus Control Register (XBCR)
....................................................................... 99
3.14
Internal Ports and System Registers
................................................................................... 100
3.14.1
XPORT Interface
............................................................................................... 100
3.14.1.1
XPORT Configuration Register (XCR)
.......................................................... 101
3.14.1.2
XPORT Bus Error Register (XERR)
............................................................. 102
3.14.2
DPORT Interface
............................................................................................... 102
3.14.2.1
DPORT Configuration Register (DCR)
.......................................................... 103
3.14.2.2
DPORT Bus Error Register (DERR)
............................................................ 103
3.14.3
IPORT Interface
................................................................................................ 104
3.14.3.1
IPORT Bus Error Register (IERR)
............................................................... 104
3.14.4
System Configuration Register (CONFIG)
.................................................................. 105
3.14.5
Time-Out Control Register (TOCR)
.......................................................................... 106
3.15
CPU Memory-Mapped Registers
....................................................................................... 107
3.16
Peripheral Registers
...................................................................................................... 109
3.17
Interrupts
................................................................................................................... 122
3.17.1
IFR and IER Registers
....................................................................................... 123
3.17.2
Interrupt Timing
................................................................................................ 124
3.17.3
Interrupt Acknowledge
......................................................................................... 124
3.18
Notice Concerning TCK
.................................................................................................. 125
4
Support
........................................................................................................................... 127
4.1
Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
....................................... 127
4.1.1
Initialization Requirements for Boundary Scan Test
...................................................... 127
4.1.2
Boundary Scan Description Language (BSDL) Model
.................................................... 127
4.2
Documentation Support
.................................................................................................. 127
4.3
Device and Development-Support Tool Nomenclature
.............................................................. 129
5
Specifications
.................................................................................................................. 130
5.1
Electrical Specifications
.................................................................................................. 130
5.2
Absolute Maximum Ratings Over Operating Case Temperature Range
(Unless Otherwise Noted)
............................................................................................... 130
5.3
Recommended Operating Conditions
.................................................................................. 130
5.4
Electrical Characteristics Over Recommended Operating Case Temperature Range
(Unless Otherwise Noted)
............................................................................................... 131
5.5
Timing Parameter Symbology
........................................................................................... 132
5.6
Clock Options
............................................................................................................. 133
5.6.1
Internal System Oscillator With External Crystal
........................................................... 133
5.6.2
Layout Considerations
......................................................................................... 134
5.6.3
Clock Generation in Bypass Mode (APLL Disabled)
...................................................... 135
5.6.4
Clock Generation in Lock Mode (APLL Synthesis Enabled)
............................................. 136
5.6.5
EMIF Clock Options
........................................................................................... 137
5.7
Memory Timings
.......................................................................................................... 139
5.7.1
Asynchronous Memory Timings
.............................................................................. 139
5.7.2
Programmable Synchronous Interface Timings
........................................................... 142
5.7.3
Synchronous DRAM Timings
................................................................................. 145
5.8
HOLD/HOLDA Timings
.................................................................................................. 150
5.9
Reset Timings
............................................................................................................. 151
5.10
External Interrupt and Interrupt Acknowledge (IACK) Timings
..................................................... 153
5.11
XF Timings
................................................................................................................. 154
5.12
General-Purpose Input/Output (GPIOx) Timings
..................................................................... 155
5.13
Parallel General-Purpose Input/Output (PGPIOx) Timings
.......................................................... 156
5.14
TIM0/TIM1/WDTOUT Timings
.......................................................................................... 157
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com